Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7538GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7538GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7538GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7538GL Datasheet HTML 1Page - Leadtrend Technology LD7538GL Datasheet HTML 2Page - Leadtrend Technology LD7538GL Datasheet HTML 3Page - Leadtrend Technology LD7538GL Datasheet HTML 4Page - Leadtrend Technology LD7538GL Datasheet HTML 5Page - Leadtrend Technology LD7538GL Datasheet HTML 6Page - Leadtrend Technology LD7538GL Datasheet HTML 7Page - Leadtrend Technology LD7538GL Datasheet HTML 8Page - Leadtrend Technology LD7538GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD7538
5
Leadtrend Technology Corporation
LD7538-DS-00
November 2012
Electrical Characteristics
(TA = +25C unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Startup Current
VCC < UVLO (ON)
9
14
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V
0.53
0.65
0.77
mA
VCOMP=3V
1.85
mA
OLP Tripped/ Auto, OTP=3V
0.52
mA
OVP Tripped/Latch, OTP=3V
0.95
mA
OTP Pin Tripped/Latch,
0.95
mA
Holding Current
VCC=6V (latched)
370
430
490
A
UVLO (off)
7.0
7.5
8.0
V
UVLO (on)
15
16
17
V
VCC OVP Level
27.5
28.5
29.5
V
VCC OVP pin de-bounce time
*
8
cycle
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
0.105
0.125
0.145
mA
Open Loop Voltage
COMP pin open
4.75
5
5.25
V
Green Mode Threshold VCOMP
*
2.4
V
Zero Duty Threshold VCOMP
1.4
V
Zero Duty Hysteresis
100
mV
Current Sensing (CS/OVP pin)
Maximum Input Voltage, VCS_OFF
0.837
0.85
0.863
V
Max. OCP Compensation Current,
IOCP
234
240
246
A
Leading Edge Blanking Time, LEB
170
230
290
ns
Internal Slope Compensation
*0% to DMAX. (Linearly increase)
300
mV
Input impedance
1
M
Delay to Output
*
100
ns
Soft Start Duration
*
6.5
ms
Over Voltage Protection (CS/OVP pin)
OVP Trip Current Level
0.182
0.2
0.218
V
De-bounce Cycle
*
8
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com