Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7538GL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7538GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7538GL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7538GL Datasheet HTML 1Page - Leadtrend Technology LD7538GL Datasheet HTML 2Page - Leadtrend Technology LD7538GL Datasheet HTML 3Page - Leadtrend Technology LD7538GL Datasheet HTML 4Page - Leadtrend Technology LD7538GL Datasheet HTML 5Page - Leadtrend Technology LD7538GL Datasheet HTML 6Page - Leadtrend Technology LD7538GL Datasheet HTML 7Page - Leadtrend Technology LD7538GL Datasheet HTML 8Page - Leadtrend Technology LD7538GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD7538
4
Leadtrend Technology Corporation
LD7538-DS-00
November 2012
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V ~30V
COMP, OTP, CS
-0.3V ~6V
OUT
-0.3V ~Vcc+0.3V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOT-26,
JA)
250
C/W
Package Thermal Resistance (DIP-8,
JA)
100
C/W
Power Dissipation (SOT-26, at Ambient Temperature = 60
C)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 60
C)
650mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Ambient Temperature
-40
85
C
Operating Junction Temperature
-40
125
C
Supply VCC Voltage
8.5
26.5
V
VCC Capacitor
3.3
10
F
Start-up resistor Value (AC Side, Half Wave)
400K
1.8M
Comp Pin Capacitor
1
100
nF
CS Pin Capacitor Value
47
390
pF
Note:
1.
It
’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F~0.47F) to
filter out the undesired switching noise for stable operation. This capacitor should be
placed close to IC pin as possible
2.
Connecting a capacitor to COMP pin is also essential to filter out the undesired
switching noise for stable operation.
3.
The small signal components should be placed to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com