Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7524L/H Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # PFS7524L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7524L/H Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button PFS7524L/H Datasheet HTML 21Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 22Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 23Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 24Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 26Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 27Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 28Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Rev. D 04/25
25
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specfied)
Min
Typ
Max
Units
Current Limit/Circuit Protection (cont.)
Over-Current
Protection
I
OCP
PFS7525L/H
di/dt = 400 mA/µs
T
J(C) = 25 °C
V
V < 2 V
5.5
5.9
6.2
A
V
V > 2.42 V
3.6
4.0
4.4
PFS7526H
di/dt = 500 mA/µs
T
J(C) = 25 °C
V
V < 2 V
6.8
7.2
7.5
V
V > 2.42 V
4.6
4.9
5.25
PFS7527H
di/dt = 650 mA/µs
T
J(C) = 25 °C
V
V < 2 V
8.0
8.4
8.8
V
V > 2.42 V
5.35
5.8
6.2
PFS7528H
di/dt = 800 mA/µs
T
J(C) = 25 °C
V
V < 2 V
9.0
9.5
9.9
V
V > 2.42 V
6.0
6.5
7.1
PFS7529H
di/dt = 920 mA/µs
T
J(C) = 25 °C
V
V < 2 V
10
10.5
11
V
V > 2.42 V
6.7
7.2
7.7
PFS7533H
di/dt = 250 mA/µs
T
J(C) = 25 °C
3.8
4.1
4.3
PFS7534H
di/dt = 300 mA/µs
T
J(C) = 25 °C
4.5
4.8
5.1
PFS7535H
di/dt = 400 mA/µs
T
J(C) = 25 °C
5.5
5.9
6.2
PFS7536H
di/dt = 500 mA/µs
T
J(C) = 25 °C
6.8
7.2
7.5
PFS7537H
di/dt = 650 mA/µs
T
J(C) = 25 °C
8.0
8.4
8.8
PFS7538H
di/dt = 800 mA/µs
T
J(C) = 25 °C
9.0
9.5
9.9
PFS7539L/H
di/dt = 920 mA/µs
T
J(C) = 25 °C
10
10.5
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com