Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7524L/H Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # PFS7524L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7524L/H Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button PFS7524L/H Datasheet HTML 4Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 5Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 6Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 7Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 8Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 9Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 10Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 11Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Rev. D 04/25
8
PFS7523-7529/7533-7539
www.power.com
The power good comparator has an internal 81 µs de-glitch filter
(t
PGD) to prevent noise events from falsely triggering the programmed
V
PG- threshold.
In the event a load fault prevents the boost from achieving regulation
(above ~95% of the set output voltage threshold) the PG function will
remain in the high-impedance state and will not indicate when an
output voltage has fallen below the user programmed V
PG- threshold.
The V
PG- user programmed threshold is enabled once the VPG+
threshold has been reached.
If the POWER GOOD THRESHOLD programming pin is tied to
REFERENCE pin, the power good function is disabled and PG remains
in the high-impedance (‘off’) state. This is the preferred configuration
when PG is not in use. If the POWER GOOD THRESHOLD pin is shorted
to the SIGNAL GROUND pin, the PG signal will transition to the ‘on’
state at V
PG+ and remain low (‘on’) until the PFC output voltage has
fallen below the V
FB_UV threshold for greater than tFB_UV seconds.
Similar to the disable condition described above, if the value of the
PGT resistor is such that the V
PG- threshold is greater than the VPG+
threshold, the PG signal will latch off and remain in the high-imped-
ance off-state.
The Power Good function is not valid under the following conditions:
A. VCC or VREF are not in a valid range of operation. VCC below
UVLO- or VREF below REF
UV- the power good function is not valid
with the POWER GOOD pin in a high-impedance state.
B. Power Good will go to high-impedance state when a soft- shut-
down is initiated by an over-temperature fault to provide early
indication to secondary circuits of an OT fault.
C. PGT is outside the valid programming range of between 225 V and
360 V. PGT voltages above this range, including PGT floating, will
prevent PG from transitioning to active pull-down. PGT voltages
below this range result in PG deassertion at the output undervolt-
age (V
FB_UV) threshold.
D. Once the start-up sequence check has passed and the converter
goes into start-up, if PGT is opened, then the PG signal will
remain latched in the high-impedance state until the controller is
reset.
Figure 11. Power Good Function Description.
Selectable Power Limit
The capacitor on the REFERENCE pin allows user selection between
’full’ and ‘efficiency’ power limit for each device. The ‘efficiency’
power mode will permit user selection of a larger device for a given
output power requirement for increased conversion efficiency.
In ‘full’ power mode the REFERENCE pin capacitor is 1.0 µF ±20%
and the ‘efficiency’ power limit mode is selected with a 0.1 µF ±20%
capacitor.
If the REFERENCE pin is accidentally shorted to ground, the IC will
disable switching and remain disabled until all conditions for the
start-up sequence are satisfied.
If the REFERENCE pin is open-circuit, the absence of a bypass
capacitor will prevent start-up. During operation, an open-circuit may
result in enough REFERENCE pin noise to result in a VREF REF
UV- shut-
down.
Protection Modes
Brown-In Protection (V
BR+)
The VOLTAGE MONITOR pin features an input line under-voltage
detection to limit the minimum start-up voltage. This detection
threshold will inhibit the device from starting at input AC voltages
below brown-in and above input peak voltages of 400 V
PK.
Brown-Out Protection (V
BR-)
The VOLTAGE MONITOR pin features a brown-out protection mode
wherein the HiperPFS-3 will turn-off when the VOLTAGE MONITOR pin
voltage is below the line undervoltage threshold (V
BR-) for a period
exceeding t
BRWN_OUT (brown-out debounce period). In the event a
single half-line cycle is missing (normal operating line frequency is
47 Hz to 63 Hz) the brown-out detection will not be initiated. Once
brown-out has been triggered, the HiperPFS-3 soft-shutdown
gradually reduces the internal error-voltage to zero volts over a period
of 1 ms to ramp the power MOSFET on-time to zero. The onset of
this soft-shutdown is aligned to the next line cycle zero crossing to
minimize reactive component di/dt transients and allow time for the
energy stored within the boost choke as well as the input EMI filter to
dissipate. This helps minimize voltage transients after the bridge
rectifier, which helps to prevent false restarts. The device will
Output Voltage
Rising
Output Voltage
Falling
tPGD
tPGD
tPG
PG = High Impedance
PG = High Impedance
PG = On-State
Set internally
by VPG+
95% VOUT (365 V)
100% VOUT (385 V)
87.5% VOUT (337 V)
Set externally
by RPGT
..
.
R
IA
V
k
0875
385
10
337
337
PG
PG
#
n
X
==
=
PI-7229-061615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com