Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7524L/H Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # PFS7524L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7524L/H Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button PFS7524L/H Datasheet HTML 11Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 12Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 13Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 14Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 15Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 16Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 17Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 18Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Rev. D 04/25
15
PFS7523-7529/7533-7539
www.power.com
Design, Assembly, and Layout Considerations
Power Table
The data sheet power table as shown in Table 2 represents the
maximum practical continuous output power based on the following
conditions:
For the universal input devices (PFS7523L/H – PFS7529H):
1. An input voltage range of 90 VAC to 264 VAC.
2. Overall efficiency of at least 93% at the lowest operating voltage.
3. 385 V nominal output.
4. Sufficient heat sinking to keep device temperature ≤100 ºC.
Operation beyond the limits stated above will require derating.
Operation at elevated temperatures could result in reduced MTBF and
performance degradation, e.g. reduced efficiency, reduced power
limit, PF, and potential of observing hysteretic brown-out, etc., and is
not recommended. Use of a nominal output voltage higher than 395 V
is not recommended for HiperPFS-3 based designs. Operation at
voltages higher than 395 V can result in higher than expected
drain-source voltage during line and load transients.
HiperPFS-3 Selection
Selection of the optimum HiperPFS-3 part depends on required
maximum output power, PFC efficiency and overall system efficiency
(when used with a second stage DC-DC converter), heat sinking
constraints, system requirements and cost goals. The HiperPFS-3
part used in a design can be easily replaced with the next higher or
lower part in the power table to optimize performance, improve
efficiency or for applications where there are thermal design
constraints. Minor adjustments to the inductance value and EMI filter
components may be necessary in some designs when the next higher
or the next lower HiperPFS-3 part is used in an existing design for
performance optimization.
Every HiperPFS-3 family part has an optimal load level where it offers
the most value. Operating frequency of a part will change depending
on load level. Change of frequency will result in change in peak to
peak current ripple in the inductance used. Change in current ripple
will affect input PF and total harmonic distortion of input current.
Input Fuse and Protection Circuit
The input fuse should be rated for a continuous current above the
input current at which the PFC turns-off due to input under- voltage.
This voltage is referred to as the brown-out voltage.
The fuse should also have sufficient I2t rating in order to avoid
nuisance failures during start-up. At start-up a large current is drawn
from the input as the output capacitor charges to the peak of the
applied voltage. The charging current is only limited by any inrush
limiting thermistors, impedance of the EMI filter inductors and the
forward resistance of the input rectifier diodes. A MOV will typically be
required to protect the PFC from line surges. Selection of the MOV
rating will depend on the energy level (EN1000-4-5 Class level) which
the PFC is required to withstand.
A suitable NTC thermistor should be used on the input side to provide
inrush current limiting. Choice of this thermistor should depend on
the inrush current specification for the power supply. NTC thermis-
tors may not be placed in any other location in the circuit as they fail
to limit the stress on the part in the event of line transients and also
fail to limit the inrush current in a predictable manner. The example
in Figure 13 shows the circuit configuration that has the inrush
limiting NTC thermistor on the input side which is bypassed with a
relay after PFC start-up. This arrangement ensures that a consistent
inrush limiting performance is achieved by the circuit.
Input EMI Filter
The variable switching frequency of the HiperPFS-3 effectively
modulates the switching frequency and reduces conducted EMI peaks
associated with the harmonics of the fundamental switching frequency.
This is particularly beneficial for the average detection mode used in
EMI measurements.
The PFC is a switching converter and will need an EMI filter at the
input in order to meet the requirements of most safety agency
standards for conducted and radiated EMI. Typically a common mode
filter with X capacitors connected across the line will provide the
required attenuation of high frequency components of input current
to an acceptable level. The leakage reactance of the common mode
filter inductor and the X capacitors form a low pass filter. In some
designs, additional differential filter inductors may have to be used to
supplement the differential mode inductance of the common-mode
choke.
A filter capacitor with low ESR and high ripple current capability
should be connected at the output of the input bridge rectifier. This
capacitor reduces the generation of the switching frequency compo-
nents of the input current ripple and simplifies EMI filter design.
Typically, 0.33 µF per 100 W should be used for universal input
designs and 0.15 µF per 100 W of output power should be used for
230 VAC only designs.
It is often possible to use a higher value of capacitance after the
bridge rectifier and reduce the X capacitance in the EMI filter.
Regulatory requirements require use of a discharge resistor to be
connected across the input X capacitance on the AC side of the
bridge rectifier. This is to ensure that residual charge is dissipated
after the input voltage is removed when the capacitance is higher
than 0.1 µF. Use of CAPZero integrated circuits from Power Integra-
tions, helps eliminate the steady- state losses associated with the use
of discharge resistors connected permanently across the X capacitors.
Inductor Design
For ferrite inductors the optimal design has K
P of 0.3 to 0.45. (KP is
defined as the current peak-to-peak value divided by the peak value
at minimum AC voltage and 90* phase angle, full load). K
P <0.3
(more continuous) tends towards excessive inductor size, while higher
K
P >0.45 tends towards excessive winding AC resistance losses due to
large high-frequency AC currents, especially since most ferrite
inductor designs will require >3 winding layers. Flux density at
maximum current limit should be <3900 gauss to prevent core
saturation.
If Sendust core material is used, 90µ or 125µ material is recommended,
because the higher µ materials tend to produce greater inductance at
lower currents, and thus reduced peak- to-peak inductor currents at
lower line phase angles (<45*) which reduces losses and improves PF
at lighter loads and higher input voltages. The design target is for H
at the peak current (low-line, full-load, 90* line phase angle) to be
~60 A-t/cm. Higher H tends towards excessive core loss, and lower
than this increases AC copper losses.
The HiperPFS-3 design spreadsheet simplifies this process and
automatically recommends a core size and design for either ferrite or
Sendust.
For high performance designs, use of Litz wire is recommended to
reduce copper loss due to skin effect and proximity effect. For
toroidal inductors the numbers of layers should be less than 3 and for
bobbin wound inductors, inter layer insulation should be used to
minimize inter layer capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com