Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7524L/H Datasheet(PDF) 26 Page - Power Integrations, Inc.

Part # PFS7524L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7524L/H Datasheet(HTML) 26 Page - Power Integrations, Inc.

Back Button PFS7524L/H Datasheet HTML 22Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 23Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 24Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 26Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 27Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 28Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 29Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 30Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Rev. D 04/25
26
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection (cont.)
Normalized Frequency
at Power Limit
F
LIM
C
REF = 1.0 µF
T
J(C) = 25 °C
±7
%
0 °C < T
J(C) < 100 °C
±10
SOA Protection
Fixed Off-Time
t
OFF(SOA)
T
J(C) = 25 °C
200
250
300
µ
s
Leading Edge Blanking
(LEB) Time Period
t
LEB
T
J(C) = 25 °C
See Note A
220
ns
Minimum On-Time
in IOCP
t
ON_OCP(MIN)
T
J(C) = 25 °C
400
ns
VCC Auxiliary Power Supply
VCC Operating Range
VCC
UVLO+
12
15
V
Start-Up VCC
(Rising Edge)
VCC
UV(LO+)
0 °C < T
J(C) < 100 °C
9.6
9.85
10.1
V
Shutdown VCC
(Falling Edge)
VCC
UV(LO-)
0 °C < T
J(C) < 100 °C
9.05
9.3
9.55
V
VCC Hysteresis
VCC
(HYS)
0 °C < T
J(C) < 100 °C
0.50
0.57
0.65
V
UVLO Shutdown
Delay Timer
t
UV(LO-)
See Note A
500
ns
Time From VCC >
VCC
UVLO+ Until Device
Commences Switching
t
RESET
V > V
BR+
See Note A
60
75
ms
Series Regulator
REFERENCE Pin Voltage
V
REF
0 °C < T
J(C) < 100 °C
4.95
5.25
5.45
V
REFERENCE Pin
Required Capacitance
C
REF
Full Power Mode
0.8
1.0
µ
F
Efficiency Mode
0.08
0.1
0.2
REFERENCE Pin
UVLO Rising Edge
REF
UV+
0 °C < T
J(C) < 100 °C
See Note A
5.0
V
REFERENCE Pin
UVLO Falling Edge
REF
UV-
0 °C < T
J(C) < 100 °C
See Note A
4.4
V
Power Good
Power Good Deasser-
tion Threshold Output
Reference Current
I
PG(T)
0 °C < T
J(C) < 100 °C; VPGT = 3.0 V
-10.65
-10
-9.35
µ
A
Power Good Delay Time
(From FB > V
PG+ to
PG < 1 V)
t
PG
0 °C < T
J(C) < 100 °C; PG = 20 kΩ Pull-Up to
VCC, See Note A
<15
µ
s
Power Good
Deglitch Time
t
PG(D)
See Note A
57
81
108
µ
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com