Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7525L/H Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # PFS7525L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7525L/H Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button PFS7525L/H Datasheet HTML 18Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 19Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 20Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 21Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 22Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 23Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 24Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Rev. D 04/25
22
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Currents (cont.)
Operating Current
I
CC(ON)
No-load on REF
Switching at F
MIN
(T
OFF = TOFF(MIN),
T
ON = TON(MAX))
0 °C < T
J(C) < 100 °C
PFS7523
PFS7533
0.64
0.75
0.90
mA
PFS7524
PFS7534
0.67
0.79
0.95
PFS7525
PFS7535
0.74
0.88
1.05
PFS7526
PFS7536
0.79
0.93
1.12
PFS7527
PFS7537
0.85
1.00
1.20
PFS7528
PFS7538
0.91
1.07
1.28
PFS7529
PFS7539
0.98
1.15
1.38
Leakage Current in UVLO
State
I
oz
0 < Pin Voltage < REF
0 °C < T
J(C) < 100 °C
V, FB, C, PGT
±10
nA
V
PG = 12 V
PG
±0.1
µ
A
Pull-Down Current
on Feedback
I
FB(PD)
Not Active When
VCC < UVLO+
0 °C < T
J(C) < 100 °C
FB
100
nA
Pull-Down Current
on Voltage
I
V(PD)
Not Active When
VCC < UVLO+
0 °C < T
J(C) < 100 °C
V
100
nA
On-Time Controller
Maximum Operating
“On”-Time
t
ON(MAX)
0 °C < T
J(C) < 100 °C
29
34
40
µ
s
Off-Time Controller
Maximum Operating
“Off”-Time
t
OFF(MAX)
0 °C < T
J(C) < 100 °C
36
43
48
µ
s
Off-Time Accuracy
t
OFF(ACCURACY)
0 °C < T
J(C) < 100 °C
V = 1.414 V (or 2.828 V for High-Line Only)
FB = 3.85 V
C > = 4 V
±4.0
%
Feedback
Feedback Voltage
Reference
V
FB(REF)
T
J(C) = 25 °C
3.82
3.85
3.88
V
0 °C < T
J(C) < 100 °C
3.75
3.85
3.95
Feedback Error-
Amplifier Transconduc-
tance Gain
G
M
3.75 V < V
FB < 3.95 V
V
C = 4 V
0 °C < T
J(C) < 100 °C
75
95
105
µA/V
Soft-Shutdown Time
t
SHUTDWN
See Note A
0.86
1.00
1.16
ms
FEEDBACK Pin
Start-Up/Fault
Threshold
V
FB(OFF)
0 °C < T
J(C) < 100 °C
0.57
0.64
0.71
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com