Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7525L/H Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # PFS7525L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7525L/H Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button PFS7525L/H Datasheet HTML 12Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 13Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 14Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 15Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 16Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 17Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 18Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 19Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Rev. D 04/25
16
PFS7523-7529/7533-7539
www.power.com
Output Capacitor
For a 385 V nominal PFC, use of an electrolytic capacitor with 450 V
or higher continuous rating is recommended. The capacitance
required is dependent on the acceptable level of output ripple and
any hold up time requirements. The equations below provide an easy
way to determine the required capacitance in order to meet the
hold-up time requirement and also to meet the output ripple require-
ments. The higher of the two values would be required to be used:
calculated using the equation:
C
O
PFC output capacitance in F.
P
O
PFC output power in watts.
t
HOLD-UP
Hold-up time specification for the power supply
in seconds.
V
OUT
Lowest nominal output voltage of the PFC in volts.
V
OUT(MIN)
Lowest permissible output voltage of the PFC at
the end of hold-up time in volts.
Capacitance required for meeting the low frequency ripple specifica-
tion is calculated using the equation:
^h
f
L
Input frequency in Hz.
Δ
V
O
Peak-peak output voltage ripple in volts.
η
PFC
PFC operating efficiency.
I
O(MAX)
Maximum output current in amps.
Capacitance calculated using the above method should be appropri-
ately increased to account for ageing and tolerances.
Power Supply for the IC
A 12 V regulated supply should be used for the HiperPFS-3. If the
VCC exceeds 15 V, the HiperPFS-3 may be damaged. In most
applications a simple series pass linear regulator made using an NPN
transistor and Zener diode is adequate since the HiperPFS-3 only
requires approximately I
CC(ON) maximum for its operation.
It is recommended that a 1 µF or larger, low ESR ceramic capacitor
be used to decouple the VCC supply. This capacitor should be placed
directly at the IC pin on the circuit board.
Line-Sense Network
The line-sense network connected to the VOLTAGE MONITOR pin
provides input voltage information to the HiperPFS-3. A value of 16 MΩ
is chosen in this example design to minimize power consumption in
these resistors. Only 1% tolerance resistors are recommended.
A decoupling capacitor of 470 pF is required to be connected in
parallel with the bottom resistor from the VOLTAGE MONITOR pin to
the GROUND pin of the HiperPFS-3. This capacitor should be placed
directly at the IC pin on the circuit board.
Feedback Network
A resistor divider network that provides 3.85 V at the FEEDBACK pin at
the rated output voltage should be used for optimal performance. It
should be scaled in direct proportion to the VOLTAGE MONITOR pin
resistor divider network in order to ensure proper regulation and
power delivery. The HiperPFS-3 controller has been optimized for
operation with an output voltage of 385 VDC. Applications requiring
voltages that deviate from this nominal parameter, thereby requiring
a FEEDBACK pin divider ratio other than the recommended 100:1,
need to be evaluated for trade-offs of the key target parameters of
the specific design. E.g.: the VOLTAGE MONITOR pin divider ratio can
be modified to be equivalent to that of the feedback divider in order
to optimize power factor. However, this will have an impact on power
limit, as well as brown-in/brown-out thresholds, etc. Modification of
within ±10 V of nominal should not result in dramatically compro-
mised performance, but should be thoroughly verified. Changes in
excess of this are not recommended. Itemized trade-offs of this type
are outside the scope of this data sheet.
The recommended circuit and the associated component values are
shown in Figure 15.
Resistors, R1 to R4 comprise of the main output voltage divider
network. The sum of resistors R1, R2 and R3 is the upper divider
resistor and the lower feedback resistor is R4. Capacitor C1 is to filter
any switching noise from coupling into the FEEDBACK pin. Resistor R5,
capacitor C2 and C3 is the loop compensation network required to
tailor the loop response to ensure low cross-over frequency and
sufficient phase margin. The recommended values for the compo-
nents used are as follows:
R1 = 3.74 MΩ
R2 = 6.2 MΩ
R3 = 6.2 MΩ
R5 = 30.1 kΩ
C1 = 470 pF
C2 = 1 µF
C3 = 100 nF
When the above component values are used, the value of resistor R4
can be calculated using the equation below:
^ h
V
O
Output voltage.
V
FB(REF)
FEEDBACK pin voltage, 3.85 V.
PI-7258-061615
S
C
PGT
FB
VCC
PG
B+
R2
R4
R5
C3
CREF
C2
R1
R3
C1
K
D
REF
G
V
CONTROL
HiperPFS-3
Figure 15. Recommended Feedback Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com