Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7525L/H Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # PFS7525L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7525L/H Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button PFS7525L/H Datasheet HTML 19Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 20Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 21Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 22Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 23Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 24Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 26Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Rev. D 04/25
23
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Feedback (cont.)
FEEDBACK Pin
Undervoltage
Assertion Threshold
V
FB(UV)
0 °C < T
J(C) < 100 °C
2.09
2.25
2.36
V
FEEDBACK Pin
Overvoltage
Assertion Threshold
V
FB(OV+)
0 °C < T
J(C) < 100 °C
4.00
4.10
4.20
V
FEEDBACK Pin Over-
voltage Assertion
Relative Threshold
V
FB(OV+REL_FB)
0 °C < T
J(C) < 100 °C
V
FBREF
+0.19
V
FBREF
+0.245
V
FBREF
+0.30
FEEDBACK Pin
Overvoltage
Deassertion Threshold
V
FB(OV-)
0 °C < T
J(C) < 100 °C
3.90
4.00
4.10
V
FEEDBACK Pin Over-
voltage Deassertion
Relative Threshold
V
FB(OV-REL_FB)
0 °C < T
J(C) < 100 °C
V
FBREF
+0.11
V
FBREF
+0.16
V
FBREF
+0.21
FEEDBACK Pin
Overvoltage
Hysteresis
V
FB(OVHYST)
0 °C < T
J(C) < 100 °C
0.070
0.085
0.115
V
COMPENSATION Pin
PF Enhancer Disable
Threshold
V
LOW(LOAD+)
See Note A
1.1
V
COMPENSATION Pin
PF Enhancer Enable
Threshold
V
LOW(LOAD-)
See Note A
1.0
V
COMPENSATION Pin
PF Enhancer
Threshold Hysteresis
V
LOW(LOAD_HYST)
See Note A
0.1
V
COMPENSATION Pin
Burst Disable
Threshold
V
ERR(MIN+)
0 °C < T
J(C) < 100 °C
0.19
V
COMPENSATION pin
Burst Enable Threshold
V
ERR(MIN-)
0 °C < T
J(C) < 100 °C
0.1
V
COMPENSATION Pin
Burst Threshold
Hysteresis
V
ERR(HYST)
0 °C < T
J(C) < 100 °C
0.09
V
Line-Sense/Peak Detector
Line-Sense Input
Voltage Range
V
V(RANGE)
See Note A
0
4
V
Brown-In
Threshold Voltage
V
BR+
Universal Input Devices
(PFS7523-PFS7529)
0 °C < T
J(C) < 100 °C
1.08
1.12
1.16
V
High-Line Only Input Devices
(PFS7533-PFS7539)
0 °C < T
J(C) < 100 °C
2.30
2.35
2.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com