Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7525L/H Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # PFS7525L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7525L/H Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button PFS7525L/H Datasheet HTML 23Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 24Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 26Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 27Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 28Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 29Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 30Page - Power Integrations, Inc. PFS7525L/H Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Rev. D 04/25
27
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Power Good (cont.)
Power Good Internal
Assertion Threshold
V
PG(+)
0 °C < T
J(C) < 100 °C
3.55
3.65
3.75
V
Power Good Relative
Threshold
V
PG+REL(FB)
0 °C < T
J(C) < 100 °C
V
FBREF
-0.24
V
FBREF
-0.20
V
FBREF
-0.16
Power Good
Deassertion Threshold
V
PG(-)
V (PGT) = 3 V
0 °C < T
J(C) < 100 °C
2.94
V (PGT)
±30 mV
3.06
V
POWER GOOD Pin
Leakage Current in
Off-State
IOZH
PG
FB < V
PG-
0 °C < T
J(C) < 100 °C
500
nA
POWER GOOD Pin
On-State Voltage
VOL
PG
0 °C < T
J(C) < 100 °C
I
PG = 2.0 mA; FB = 3.85 V
2
V
Thermal Protection (OTP)
Controller Junction
Temperature (T
J(C)) for
Shutdown
T
OTP+
See Note A
117
°C
Controller Junction
Temperature (T
J(C)) for
Restart
T
OTP-
See Note A
81
°C
Over-Temperature
Hysteresis
T
OTP(HYST)
V > V
BR+
See Note A
36
°C
VTS MOSFET
On-State
Resistance
R
DS(ON)
I
D = 0.5 × IOCP
PFS7523
PFS7533
T
J(M) = 25 °C
0.61
0.76
T
J(M) =100 °C
1.10
PFS7524
PFS7534
T
J(M) = 25 °C
0.51
0.63
T
J(M) = 100 °C
0.92
PFS7525
PFS7535
T
J(M) = 25 °C
0.41
0.51
T
J(M) = 100 °C
0.73
PFS7526
PFS7536
T
J(M) = 25 °C
0.34
0.42
T
J(M) = 100 °C
0.62
PFS7527
PFS7537
T
J(M) = 25 °C
0.30
0.36
T
J(M) = 100 °C
0.52
PFS7528
PFS7538
T
J(M) = 25 °C
0.26
0.32
T
J(M) = 100 °C
0.46
PFS7529
PFS7539
T
J(M) = 25 °C
0.22
0.27
T
J(M)= 100 °C
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com