Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side Regulated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK4115D Datasheet HTML 1Page - Power Integrations, Inc. LNK4115D Datasheet HTML 2Page - Power Integrations, Inc. LNK4115D Datasheet HTML 3Page - Power Integrations, Inc. LNK4115D Datasheet HTML 4Page - Power Integrations, Inc. LNK4115D Datasheet HTML 5Page - Power Integrations, Inc. LNK4115D Datasheet HTML 6Page - Power Integrations, Inc. LNK4115D Datasheet HTML 7Page - Power Integrations, Inc. LNK4115D Datasheet HTML 8Page - Power Integrations, Inc. LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Rev. F 05/18
5
LinkSwitch-4
www.power.com
Figure 8. Typical Waveforms at the Feedback and Primary Current Sense Inputs.
PI-7458-010815
tSAMP
tCSB
VFBREG
VCSTHR
VVCC(RUN)
tFON
0 A
0 V
0 V
ON
OFF
FB
CS
BD
ED
Transformer
Flux
Switching Waveforms
Typical waveforms at the feedback and primary current sense inputs
are shown in Figure 8.
Constant Voltage (CV) Regulation
Constant output voltage regulation is achieved by sensing the voltage
at the feedback input, which is connected to the voltage supply
winding as shown in Figure 10 or to a dedicated feedback winding.
An internal current source prevents the feedback voltage from going
negative. A typical feedback voltage waveform is shown in Figure 8.
The feedback waveform is continuously analyzed and sampled at time
t
SAMP to measure the reflected output voltage. tSAMP is identified by the
slope of the feedback waveform and is coincident with zero flux in the
transformer. The sampled voltage is regulated at V
FB(REG) by the
voltage control loop. The (typical) CV mode output voltage is set by
the ratio of resistors R
FB1 and RFB2 (see Figure 10) and by the
transformer turns ratio, according to the following formula (where
output diode voltage is neglected):
VV
R
R
N
N
1
OUTCVFBREG
FB
FB
F
S
2
1
=+
a
a
^^
k k
hh
Where N
F is the number of turns on the feedback (or voltage supply
if used for feedback) winding and N
S is the number of turns on the
secondary winding. The tolerances of R
FB1 and RFB2 affect output
voltage regulation and mains estimation so should typically be chosen
to be 1% or better.
The current required to clamp the feedback voltage to ground
potential during the on-time of the primary switch depends on the
primary winding voltage (approximately equal to the rectified mains
input voltage), the primary to feedback turns ratio, and resistor R
FB1.
The controller measures feedback source current and so enables R
FB1
to set the input voltage start threshold and the input undervoltage
protection threshold, as described below.
Input Voltage Start Threshold
In Initialise mode, the LinkSwitch-4 issues a single short-duration
drive pulse in order to measure the primary voltage and so the
approximate mains input voltage. If the input voltage is below
V
MAINS(START) then the LinkSwitch-4 will not start. Instead it will pause
while V
VCC discharges below VVCC(SLEEP) then it will begin a new power-up
cycle. If the input voltage exceeds V
MAINS(START), the converter will
power-up. V
MAINS(START) is set by RFB1 using this equation:
VI
R
N
N
2
1
MAINSSTART
FBHT STARTFB
F
P
1
##
#
= -
^^
hh
Input Undervoltage Protection
In Run mode, if the mains voltage falls to V
MAINS(LO), the LinkSwitch-4
will stop issuing drive pulses, V
VCC will reduce to VVCC(SLEEP) and the
LinkSwitch-4 will enter Sleep mode. V
MAINS(LO) is set by RFB1 using this
equation:
VI
R
N
N
2
1
MAINSLOFBHTLOFB
F
P
1
##
#
= -
^^
hh
Constant Current (CC Mode) Regulation
Constant current output (I
OUT(CC)) is achieved by regulating the CS
input to the primary side estimate of the output current scaled by R
CS,
V
CS(CC). The regulated output current, IOUT(CC) is set by the value of the
current sense resistor, R
CS, and the transformer primary to secondary
turns ratio (N
P/NS). The value of RCS is determined using the formula:
R
N
N
ITyp
VTyp
CS
S
P
OUTCC
CS CC
.
a d ^^^
^
k
h
hn
h
h
The tolerance of R
CS affects the accuracy of output the current
regulation so is typically chosen to be 1%. The LinkSwitch-4 can
maintain CC regulation down to much lower levels of V
SHUTDN(MAX)
normally specified for mobile phones chargers (see Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com