Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side Regulated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 2Page - Power Integrations, Inc. LNK4115D Datasheet HTML 3Page - Power Integrations, Inc. LNK4115D Datasheet HTML 4Page - Power Integrations, Inc. LNK4115D Datasheet HTML 5Page - Power Integrations, Inc. LNK4115D Datasheet HTML 6Page - Power Integrations, Inc. LNK4115D Datasheet HTML 7Page - Power Integrations, Inc. LNK4115D Datasheet HTML 8Page - Power Integrations, Inc. LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. LNK4115D Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Rev. F 05/18
6
LinkSwitch-4
www.power.com
Cable Compensation
If required, LinkSwitch-4 adjusts the converter output voltage (V
OUT)
to compensate for voltage drop across the output cable. The amount
of compensation applied (G
CAB) is specified by using the formula below
to match cable compensation with output cable resistance (R
CAB):
%
%
VTyp
ITyp
R
G
G
VTyp
ITyp
R
100
100
OUTCV
OUTC
CAB
CAB
P
CAB
OUTCV
OUTCCCAB
#
#
#
#
=
=
^
^
^
^
^
^
^
^
h
h
h
h
h
h
h
h
Or
Drive Pulse and Frequency Modulation
The LinkSwitch-4 control circuitry determines both the primary switch
peak current and the switching frequency to control output power,
ensuring discontinuous conduction mode operation at all times.
Primary current generates a voltage across the current sense resistor,
R
CS, and is sensed by the primary current sense input. The voltage
on the primary CURRENT SENSE pin is negative-going, as shown in
Figure 8. When the voltage exceeds a (negative) threshold (V
CSTHR)
set by the control circuitry, base drive is driven low to turn the
primary switch off. The primary current sense voltage threshold
(V
CSTHR) varies from VCS(MIN) to VCS(MAX) during normal operation. The
switching frequency varies from f
MIN at no-load, to the maximum
switching frequency, f
MAX.
Minimum switching frequency occurs during no-load operation and
is typically in the range 1 to 3 kHz, depending on application design.
The periodic voltage waveform on the VCC input, which depends on
the current consumed by the control circuitry and the value of C
VCC,
contributes to control of the switching frequency. In no-load
condition, C
VCC must be large enough to ensure that ripple voltage on
VCC (∆V
VCCPFM) is less than 1.6 V, and CVCC must be small enough to
ensure the ripple on VCC is greater than 50 mV:
VCCPFM
C
fV
I
VCC
MIN
VCCNL
# D
=
The switching frequency increases as the load increases, eventually
reaching f
MAX at full load. For protection purposes in the event of
certain transitory conditions, the controller immediately issues a drive
pulse if VCC voltage falls to V
VCC(LOW). This is not part of normal
operation or normal frequency control.
Base Drive Control
During the on-time of the BJT, the emitter is switched to GND via the
EMITTER DRIVE pin. Base current, I
BD is controlled to achieve fast
turn-on, low on-voltage and fast turn-off to enable reduced power
dissipation and accurate timing of each part of the switching cycle.
As shown in Figure 9, the base drive current starts with a fixed pulse
of I
F(ON)/tF(ON). Its amplitude and duration are then modulated to provide
sufficient charge for low BJT on-voltage, while allowing de-saturation
towards the end of on-time so as to enable fast turn-off. When V
CSTHR
is detected on the primary CURRENT SENSE pin, the BASE DRIVE pin
is switched to GND and the emitter drive switch is opened.
LNK43x2S – drive optimized for high efficiency performance using
13003 transistors.
Duty Cycle Control
Maximum duty cycle is a function of the primary to secondary turns
ratio of the transformer (typically 16:1 for a 5 V output). For a
universal mains input power supply, maximum duty cycle is typically
chosen to be 50% at the minimum (including ripple) of the rectified
mains voltage (typically 80 V).
Quasi-Resonant Switching
The primary switch is turned on when the voltage across it rings
down to a minimum (voltage-valley, quasi-resonant switching). The
effect of this is to reduce losses in the switch at turn-on. It also
helps reduce EMI.
Primary Switch Over-Current Protection
The primary switch is turned off if the emitter current sensed by the
primary current sense input exceeds the effective threshold V
CSOCP(EFF),
subject to the minimum on-time, T
ON(MIN). The effective threshold
V
CSOCP(EFF) depends on a threshold VCS(OCP) predefined by the controller,
the primary current sense signal rate of rise (dVcs/dt), which is
dependent on the application design, and the primary CURRENT
SENSE pin turn-off response time, t
CS(OFF). This gives pulse by pulse
over-current protection of the primary switch.
Output Overvoltage Protection
The on-time of the primary switch is reduced if the output voltage
tends to V
OUT(OVP). The value depends on the set output voltage
(V
OUT(CV)) and the feedback OVP ratio:
VV
G
OUTOVP
OUTCVFBOVP
#
=
^^
^
hh
h
Supplementary Base Drive (LNK40x3D, LNK4114D, LNK4214D)
The resistor R
SBD connects the SUPPLEMENTARY BASE DRIVE pin to
VOLTAGE SUPPLY pin. It supplements current to the base drive to
optimize the switching bipolar transistor turn-on and turn-off in high
power applications.
Suggested values for the supplementary base drive resistor R
SBD are
between 220 Ω and 390 Ω.
Shunt Function (LNK40x3D, LNK40x4D, LNK4115D, LNK4215D)
The shunt function is intended to automatically limit the VCC voltage
and allow greater flexibility in transformer design. VOLTAGE SUPPLY
pin will be shunted via R
SBD, the SUPPLEMENTARY BASE DRIVE pin
resistance R
SBD(ON) and RBD(OFF) to the GROUND pin when the VCC
voltage is greater than V
VCC(HI) and the transformer is discharging.
Output Undervoltage Protection (LNK40x3S/D, LNK43x3S/D)
The output undervoltage protection (UVP) function is used to
shutdown the converter when the output voltage is below V
OUT(UVP).
At start-up this function is disabled during the first N
STARTUP switching
cycles and the output current is regulated allowing the output voltage
to rise from 0 V in a monotonic way.
Table 3. Output Undervoltage Protection.
Product
Output Undervoltage Protection Function
LNK40x2S
LNK43x2S
V
OUT(UVP) Depends on VVCC(SLEEP)
LNK40x3S
LNK40x3D
LNK4323S
LNK4323D
V
OUT(UVP) = 0.63 × VOUT(CV)
LNK40x4D
V
OUT(UVP) Depends on VVCC(SLEEP)
LNK4114D
LNK4214D
LNK4115D
LNK4215D
V
OUT(UVP) Depends on VVCC(SLEEP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com