Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side Regulated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 6Page - Power Integrations, Inc. LNK4115D Datasheet HTML 7Page - Power Integrations, Inc. LNK4115D Datasheet HTML 8Page - Power Integrations, Inc. LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. LNK4115D Datasheet HTML 10Page - Power Integrations, Inc. LNK4115D Datasheet HTML 11Page - Power Integrations, Inc. LNK4115D Datasheet HTML 12Page - Power Integrations, Inc. LNK4115D Datasheet HTML 13Page - Power Integrations, Inc. LNK4115D Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Rev. F 05/18
10
LinkSwitch-4
www.power.com
Figure 12. Typical Universal Input, 12 W Adapter.
Table 5. 12 W Typical Networking Application Results.
Parameter
Symbol
Range or Value
Units
Comment
Supply Voltage
V
IN
90 - 264
VAC
Universal mains
Output Voltage
V
OUT(CV)
12.0 ± 5%
V
Constant voltage (CV) mode, at the load
Output Current
I
OUT
1
A
Label rated output current
Load Capacitance
C
LOAD
3000
mF
System capacitance
Switching Frequency at Full Load
f
MAX
65
kHz
Cable Compensation
G
CAB
3
%
Determined by the chosen variant
No-load Power
P
NL
<75
mW
Energy Star test method
Average Efficiency
η
>83
%
Energy Star test method
Turn-on Delay
T
ON
<1
s
Typical Networking Application for LNK4114D
PI-7675-071615
LNK4114D
~
GND
BD
ED
CS
VCC
SBD
FB
+
2 × RHT
Q1
LFILT
DBRIDGE
RCS
RCS2
RSBD
RFB2
ROUT
COUT
DOUT
RFB1
T1
CVCC
RIN
CIN1
CIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com