Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side Regulated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LNK4115D Datasheet HTML 1Page - Power Integrations, Inc. LNK4115D Datasheet HTML 2Page - Power Integrations, Inc. LNK4115D Datasheet HTML 3Page - Power Integrations, Inc. LNK4115D Datasheet HTML 4Page - Power Integrations, Inc. LNK4115D Datasheet HTML 5Page - Power Integrations, Inc. LNK4115D Datasheet HTML 6Page - Power Integrations, Inc. LNK4115D Datasheet HTML 7Page - Power Integrations, Inc. LNK4115D Datasheet HTML 8Page - Power Integrations, Inc. LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.power.com
May 2018
Energy-Efficient, Accurate Primary-Side Regulated
CV/CC Switcher for Adapters and Chargers
LinkSwitch-4 Family
This Product is Covered by Patents and/or Pending Patent Applications.
Output Power Table
Product3,4
85 - 265 VAC
Features5
Adapter1
Open Frame2
LNK43x2S
13003 Drive
5 W
LNK40x2S
STD
6.5 W
LNK40x3S
STD
8 W
LNK4323S
STD
8 W
LNK40x3D
STD
10 W
LNK4323D
STD
10 W
LNK40x4D
STD
15 W
LNK4114D
Easy Start
15 W
LNK4214D
Easy Start + Constant Power
15 W
LNK4115D
Easy Start
18 W
LNK4215D
Easy Start + Constant Power
18 W
Table 1. Output Power Table.
Notes:
1. Minimum continuous power in a typical enclosed adapter measured at +50 °C
ambient, 85-265 VAC device T
J ≤ 100 °C.
2. Maximum practical continuous power in an open frame design with adequate
heat sinking, measured at +50 °C.
3. Package: D: SO-8 , S: SOT-23-6.
4. Cable compensation factor. x = 0 (no cable compensation),
x = 1 (3% cable compensation) x = 2 (6% cable compensation).
5. Easy Start feature uses the BJT current to directly charge C
VCC, allowing
start-up into large output capacitors. 13003 drive feature has the gate drive
optimized for maximum efficiency when using 13003 BJTs. Constant power
feature provides 175% of rated current at start-up, allowing start-up into
large output capacitors (see Figure 15). STD are standard products with all
the advanced performance and protection/safety features.
Product Highlights
Dramatically Simplifies CV/CC Converters
•
Eliminates optocoupler and all secondary CV/CC control circuitry
•
Eliminates all control loop compensation circuitry
Advanced Performance Features
•
Dynamic base drive technology provides flexibility in choice of BJT
transistor by dynamically optimizing BJT switching characteristics
•
Extends RBSOA of BJT
•
Dramatically reduces sensitivity to BJT gain
•
Compensates for input line voltage variations
•
Compensates for cable voltage drop
•
Compensates for external component temperature variations
•
Very accurate IC parameter tolerances using proprietary trimming
technology
•
Frequency up to 65 kHz to reduce transformer size
•
The minimum peak current is fixed to improve transient load response
Enhanced Performance Features
•
Easy start for starting into capacitive loads (LNK4114D, LNK4115D)
•
Constant power for high current start-up (LNK4214D, LNK4215D)
•
13003 drive improved efficiency with 13003 BJT’s (LNK4302S,
LNK4322S)
Advanced Protection/Safety Features
•
Single fault output overvoltage and short-circuit
•
Over-temperature protection
•
Active clamp
EcoSmart™– Energy Efficient
•
Meets DoE 6 and CoC V5 2016 via an optimized quasi-resonant
switching PWM/PFM control
•
No-load consumption of <30 mW at 230 VAC input
Green Package
•
Halogen free and RoHS compliant package
Applications
•
Chargers for cell/cordless phones, PDAs, MP3/portable audio
devices, adapters, networking, etc.
Description
The LinkSwitchTM-4 family of ICs dramatically simplifies low power CV/CC
charger design by eliminating an optocoupler and secondary control
circuitry. The LinkSwitch-4 family adaptive BJT drive technology uses
combined base and emitter switching to boost switching performance
and deliver higher efficiency, wider Reverse Bias Safe Operating Area
(RBSOA) margin and the flexibility to accommodate a wide range of low
cost BJT. The device incorporates a multimode PWM/PFM controller
with quasi resonant switch to maximize the efficiency, meets low
no-load power and at same time maintain fast transient response
greater than 4.3 V with a load change from 0% to 100%.
Figure 1. Typical Application (SOT-23-6) (S).
Figure 3. SOT-23-6 and SO-8 Packages.
Figure 2. Typical Application (SO-8) (D).
PI-7462-122315
LinkSwitch-4
U1
LNK4xx2S
~
GND
BD
ED
CS
VCC
FB
+
PI-7464-010815
LinkSwitch-4
U1
LNK40x3D
~
GND
BD
ED
CS
VCC
SBD
FB
+


Similar Part No. - LNK4115D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK4115D POWERINT-LNK4115D Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK4115D POWERINT-LNK4115D Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side
May 2018
LNK4115D-TL POWERINT-LNK4115D-TL Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
More results

Similar Description - LNK4115D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6774E POWERINT-LNK6774E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
logo
ON Semiconductor
FL6632 ONSEMI-FL6632 Datasheet
489Kb / 15P
Primary-Side-Regulated LED Driver
May 2015 Rev. 1.0
FL7733A ONSEMI-FL7733A Datasheet
453Kb / 15P
Primary-Side-Regulated LED Driver
December 2014 Rev. 1.2
logo
Diodes Incorporated
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
logo
Power Integrations, Inc...
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com