Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6017 Datasheet(PDF) 49 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6017
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6017 Datasheet(HTML) 49 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6017 Datasheet HTML 45Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 46Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 47Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 48Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 49Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 50Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 51Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 52Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 53Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page49 of 161
Rev1.9
Bit7
6
5
4
3
2
1
Bit0
Read
X
X
X
RESERVE
D
X
LVDINIE
BORIE
VCCIE
Write
Reset:
0
0
0
0
0
0
0
0
注:需要同时使能 PMUIE 使能的中断才有效。
功能描述
RESERVED
该寄存器位用户不要修改
LVDINIE
LVDIN检测中断使能位
0:关闭
1:允许
BORIE
BOR检测中断使能位
0:关闭
1:允许
VCCIE
VCC检测中断使能位
0:关闭
1:允许
PMUIF
(PMU 中断标志寄存器)
基地址:
0x4000F400
偏移地址: 10H
Bit15
14
13
12
11
10
9
Bit8
Read:
X
X
X
X
X
X
X
X
Write:
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read
X
X
X
RESERVE
D
X
LVDINIF
BORIF
VCCIF
Write
Reset:
0
0
0
0
0
0
0
0
注:该寄存器不能被 Wake_UP 唤醒复位。
功能描述
RESERVED
该寄存器位用户不要修改,无意义
LVDINIF
LVDIN检测中断标志位
当外部引脚LVDIN电压下降到低于1.21V或上升到高于1.21V时,该位置1,软件写0清
0。
BORIF
BOR检测中断标志位
当内部工作电压VCC下降到低于设定阈值或上升到高于设定阈值时,并且在BORRST=0
的情况下,该位置1,软件写0清0。
VCCIF
VCC检测中断标志位
当系统电源VCC电压下降到低于设定阈值或上升到高于设定阈值时,该位置1,软件
写0清0。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com