Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6017 Datasheet(PDF) 17 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6017
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6017 Datasheet(HTML) 17 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6017 Datasheet HTML 13Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 14Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 15Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 16Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 17Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 18Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 19Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 20Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6017 Datasheet HTML 21Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page17 of 161
Rev1.9
31
27
PC.7
IN/OUT
SPI_CS
输出驱动 5mA
32
28
20
PA.5
IN/OUT
INT0
模拟滤波 2us
33
PA.0
IN/OUT
SEG28
34
PA.1
IN/OUT
SEG29
35
PA.2
IN/OUT
SEG30
36
PA.3
IN/OUT
SEG31
37
29
21
PC.2
IN/OUT
RX0
模拟滤波 2us
38
30
22
PC.3
IN/OUT
TX0
39
31
23
PC.9
IN/OUT
TMR2
输出驱动 5mA
40
32
24
PC.10
IN/OUT
TMR3
输出驱动 5mA
41
33
25
PA.6
IN/OUT
INT1
TEST=0 时,该引脚功能为
JTAGWDTEN
模拟滤波 2us
Isink:20-30mA
Isource:10mA
42
34
26
PA.4
IN/OUT
SEG32
43
35
27
PA.7
IN/OUT
INT2
SEG33
模拟滤波 2us
Isink:20-30mA
Isource:10mA
44
36
28
PA.8
IN/OUT
INT3
SEG34
模拟滤波 2us
Isink:20-30mA
Isource:10mA
45
PB.0
IN/OUT
SEG0
46
PB.1
IN/OUT
SEG1
47
PB.2
IN/OUT
SEG2
48
PB.3
IN/OUT
SEG3
49
37
29
PB.4
IN/OUT
SEG4
50
38
30
PB.5
IN/OUT
SEG5
51
39
31
VDD
POWER
内部 1.5V 输出,需外接 0.1uF
滤波电容
52
40
32
DGND
GND
芯片数字地
53
41
33
VCC
POWER
电源输入,需外接 10uF 和
0.1uF 滤波电容
54
42
PB.6
IN/OUT
SEG6
55
43
PB.7
IN/OUT
SEG7
56
44
PB.8
IN/OUT
SEG8
57
45
PB.9
IN/OUT
SEG9
58
46
PB.10
IN/OUT
SEG10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com