Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6215 Datasheet(PDF) 47 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6215
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6215 Datasheet(HTML) 47 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6215 Datasheet HTML 43Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 44Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 45Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 46Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 47Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 48Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 49Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 50Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 51Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page47 of 161
Rev1.9
VDETCFG
(电源检测阈值配置寄存器)
基地址:
0x4000F400
偏移地址: 04H
Bit15
14
13
12
11
10
9
Bit8
Read:
X
X
X
X
X
X
X
X
Write:
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read:
RESERVED
VCC_LVL[3:0]
BOR_LVL[1:0]
Write:
Reset:
0
1
1
0
1
0
0
1
位
功能描述
RESERVED
该寄存器位用户不要修改
VCC_LVL[3:0]
VCC_DET检测阈值控制位
VCC_LVL[3:0]
检测电压
0
0
0
0
2.4V
0
0
0
1
2.6V
0
0
1
0
2.8V
0
0
1
1
3.0V
0
1
0
0
3.2V
0
1
0
1
3.4V
0
1
1
0
3.6V
0
1
1
1
3.8V
1
0
0
0
4.0V
1
0
0
1
4.2V
1
0
1
0
4.4V(default)
1
0
1
1
4.6V
1
1
0
0
4.8V
1
1
0
1
5V
1
1
1
X
5V
BOR_LVL[1:0]
BOR_DET检测阈值控制位
BOR_LVL[1:0]
检测电压
0
0
2.4V
0
1
2.2V (default)
1
0
2.8V
1
1
2.6V
VDETPCFG
基地址:
0x4000F400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com