Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6215 Datasheet(PDF) 99 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6215
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6215 Datasheet(HTML) 99 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6215 Datasheet HTML 95Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 96Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 97Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 98Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 99Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 100Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 101Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 102Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 103Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page99 of 161
Rev1.9
Bit15
14
13
12
11
10
9
Bit8
Read:
X
X
X
X
X
X
X
X
Write:
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read:
FCSET1
FCSET0
FC
LC
VRSEL3
VRSEL2
VRSEL 1
VRSEL 0
Write:
Reset:
1
0
0
0
1
0
0
1
位
功能描述
FCSET[1:0]
快速充电时间选择位
FCSET1
FCSET0
快速充电时间
0
0
1/8个Flcd周期
0
1
1/16个Flcd周期
1
0
1/32个Flcd周期
1
1
1/64个Flcd周期
FC
快速充电模式选择位
和LC配合使用,用于确定LCD充电模式。
缺省状态下,LCD 分压网络的电阻 RLCD 为 37KΩ。根据 LCD 差异,可以选择
RLCD=146KΩ,此时流过电阻网络的电流较小。
在选择RLCD=146KΩ时,设置控制位FC位1,可以选择快速充电模式,也就是说,
每次LCD输出波形改变时,先选择RLCD=37KΩ进行快速充电,然后再切换到RLCD=146K
Ω模式。快速充电时间可以通过FCSET[1:0]进行选择。
LC
慢速充电模式选择位
和FC配合,用于确定LCD充电模式
FC
LC
LCD充电模式
X
0
RLCD=37KΩ,大电流充电模式
0
1
RLCD=146KΩ,小电流充电模式
1
1
短时间大电流,快速充电模式



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com