Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6215 Datasheet(PDF) 21 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6215
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6215 Datasheet(HTML) 21 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6215 Datasheet HTML 17Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 18Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 19Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 20Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 21Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 22Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 23Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 24Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6215 Datasheet HTML 25Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page21 of 161
Rev1.9
2.2 存储器映射图
Re
128K Flash
0x0000 0000
0x0002 0000
Reserved
8K RAM
0x2000 0000
0x2000 2000
Reserved
APB Peripherals
0x4000 0000
0x4008 0000
Reserved
Timer0
Timer1
Timer3
UART0
Timer2
UART1
UART2
UART3+ISO7816
UART4+ISO7816
I2C
SPI
RTC
LCD
TBS
PMU&CMU
0x4000 1000
0x4000 5000
0x4000 9000
0x4000 A000
0x4000 B000
0x4000 C000
0x4000 D000
0x4000 E000
0x4000 F000
0x4001 0000
4K
4K
4K
4K
4K
4K
Reserved
4K
4K
4K
4K
4K
4K
4K
4K
4K
0x4000 2000
0x4000 3000
0x4000 4000
0x4000 6000
0x4000 7000
0x4000 8000
WDT
0x4001 1000
GPIO
4K
4K
UART5
0x4000 0000
4K
0x4001 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com