Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 8 Page - Omega Engineering, Inc.

Part # M12C-PVC-4-R-F-5
Description  Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

M12C-PVC-4-R-F-5 Datasheet(HTML) 8 Page - Omega Engineering, Inc.

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 2Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 3Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 4Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 5Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 6Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 7Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
82
Shop
online at
SM
To download information and to
order online, visit omega.com/sanitary
PX419/PX459 Pinout
Pin
mV
5/10V
mA
1
+ EXC
+ EXC
+ Supply
2
– EXC
Common – Supply
3
+ SIG
+ Output
NC
4
– SIG
NC
NC
PX409 Cable Connection
Color
mV
5/10V
mA
Black – EXC Common – Supply
White + SIG + Output
NC
Green – SIG
NC
NC
Red
+ EXC
+ EXC
+ Supply
PX429 Twist-Lock Pinout
Pin
mV
5/10V
mA
A
+ EXC
+ EXC
+ Supply
B
– EXC Common – Supply
C
+ SIG
+ Output
NC
D
– SIG
NC
NC
E
NC
NC
NC
F
NC
NC
NC
High Accuracy Pressure Transducers
Piezoresistive Design With High Temperature Performance
Dimensions: mm (inch)
Vented
through cable
Ø 20.2
(0.8)
2
(0.2)
2 connector
bacend
68.5 (2.7)
Serial # and range
identify high port
30 psid and above
78.7 (3.1)
50.8 (2.0)
22.8 (0.875) hex
each end
¼ - 18 NPT
each end
ø22.8
(0.9)
ø22.8
(0.9)
25.4 (1.0) hex
each end
¼ - 18 NPT
each end
Serial # and range
identify high port
78.7 (3.1)
50.8 (2.0)
15 psid and below
71.1 (2.8)
Conduit backend PX409C
Integral cable backend PX409
Twist-lock backend PX429
mini DIN backend PX419
5 (0.2)
5 (0.2)
5 (0.2)
28
(1.1)
½ NPT TH’D
Vent with porous plug
(gage units only)
Vent with porous plug
(gage units only)
68.5 (2.7)
Serial # and range
identify high port
30 psid and above
78.7 (3.1)
50.8 (2.0)
22.8 (0.875) hex
each end
¼ - 18 NPT
each end
ø22.8
(0.9)
ø22.8
(0.9)
25.4 (1.0) hex
each end
¼ - 18 NPT
each end
Serial # and range
identify high port
78.7 (3.1)
50.8 (2.0)
15 psid and below
71.1 (2.8)
Conduit backend PX409C
Integral cable backend PX409
Twist-lock backend PX429
mini DIN backend PX419
5 (0.2)
5 (0.2)
5 (0.2)
28
(1.1)
½ NPT TH’D
Vent with porous plug
(gage units only)
Vent with porous plug
(gage units only)
All images shown
smaller than actual size.
Cable style.
PX409S Series
mini DIN and M12 style.
Twist-lock style.
PX419S Series
PX459S M12
connector.
PX429S Series
NC = No Connection.
Compatible Meters and Accessories
Meters
Model No.
Description
DP41-S
6-digit high accuracy (0.005%) process meter for use with milli voltage and strain gage bridge
output models
DP41-E
6-digit high accuracy (0.005%) meter for use with voltage and current output models
DP25B-E
4-digit precision process meter for use with voltage and current output models
Accessories
CX5302
Extra mini DIN connector for PX419 Series
PT06F10-6S
Mating twist lock connector for PX429 Series
M12C-PVC-4-S-F-5 PVC cable, straight 4-pin M12 female connector one end, flying leads one end, 5 m (16.4’) long,
for PX459
M12C-PVC-4-R-F-5 PVC cable, right angled 4-pin M12 female connector one end, flying leads one end 5 m (16.4’) long,
for PX459



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com