Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # M12C-PVC-4-R-F-5
Description  Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

M12C-PVC-4-R-F-5 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 2Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 3Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 4Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 5Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 6Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 7Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
76
Shop
online at
SM
To download information and to
order online, visit omega.com/sanitary
PX409S: 2 m (6')
cable, IP67 rating
PX419S: mini DIN
IP67 rating, absolute
IP65 rating, gage
PX409CS: Conduit/
cable IP67 rating
PX459S: M12 connector
IP67 rating, absolute
IP65 rating, gage
Electrical Terminations
PX429S: Twist-lock
IP67 rating, absolute
IP65 rating, gage
[*] Select Electrical Termination Below (no extra charge)
0 (PX409S) = 2 m (6') cable**
1 (PX419S) = mini DIN connector (mating connector supplied)
2 (PX429S) = twist lock connector (mating connector PT06F10-6S sold separately)
5 (PX459S) = M12 connector (M12 cables sold separately, see accessories on next page)
** To order with a 1⁄2 NPT conduit fitting, specify model PX409CS.
Ordering Examples: PX409S15-005GV, 2 m (6') cable termination, 1.5" Tri-Grip fitting, 5 psig range,
10 mV/V output.
PX419S20-10WGV, mini DIN connector, 2" Tri-Grip fitting, 10 inH2O range, 10 mV/V output.
PX429S15-050GV, twist-lock connector, 1.5" Tri-Grip fitting, 50 psig range, 10 mV/V output. mating
connector sold separately,
PT06F10-6S.
PX459S15-100GV, M12 connector, 1.5" Tri-Grip fitting, 100 psig range, 10 mV/V output.
To Order
Range
11⁄2" Tri-GripTM
2" Tri-GripTM
psi
bar
Fitting
Fitting
Gage Pressure Models, 10 mV/V Output
0 to 10 inH2O
0 to 25 mb
PX4[*]9S15-10WGV
PX4[*]9S20-10WGV
0 to 1
0 to 69 mb
PX4[*]9S15-001GV
PX4[*]9S20-001GV
0 to 2.5
0 to 172 mb
PX4[*]9S15-2.5GV
PX4[*]9S20-2.5GV
0 to 5
0 to 345 mb
PX4[*]9S15-005GV
PX4[*]9S20-005GV
0 to 15
0 to 1
PX4[*]9S15-015GV
PX4[*]9S20-015GV
0 to 30
0 to 2.1
PX4[*]9S15-030GV
PX4[*]9S20-030GV
0 to 50
0 to 3.4
PX4[*]9S15-050GV
PX4[*]9S20-050GV
0 to 100
0 to 6.9
PX4[*]9S15-100GV
PX4[*]9S20-100GV
0 to 150
0 to 10.3
PX4[*]9S15-150GV
PX4[*]9S20-150GV
0 to 250
0 to 17.2
PX4[*]9S15-250GV
PX4[*]9S20-250GV
0 to 500
0 to 34.5
PX4[*]9S15-500GV
PX4[*]9S20-500GV
0 to 600
0 to 41.4
PX4[*]9S15-600GV
Absolute Pressure Models, 10 mV/V Output
0 to 5
0 to 345 mb
PX4[*]9S15-005AV
PX4[*]9S20-005AV
0 to 15
0 to 1
PX4[*]9S15-015AV
PX4[*]9S0-015AV
0 to 30
0 to 2.1
PX4[*]9S15-030AV
PX4[*]9S20-030AV
0 to 50
0 to 3.4
PX4[*]9S15-050AV
PX4[*]9S20-050AV
0 to 100
0 to 6.9
PX4[*]9S15-100AV
PX4[*]9S20-100AV
0 to 150
0 to 10.3
PX4[*]9S15-150AV
PX4[*]9S20-150AV
0 to 250
0 to 17.2
PX4[*]9S15-250AV
PX4[*]9S20-250AV
0 to 500
0 to 34.5
PX4[*]9S15-500AV
PX4[*]9S20-500AV
0 to 600
0 to 41.4
PX4[*]9S15-600AV
Environmental Protection:
IP65 or IP67 depending upon
electrical termination
Pressure Rating:
11⁄2" and 2" Tri-GripTM (compatible
with Tri-Clamp®)
Fitting: 600 psi using suitable clamp
Over Pressure: 4 x rated pressure
to maximum rated flange pressure
Secondary Containment: 6 x rated
pressure to a maximum of 2000 psi
(not in clamp)
Wetted Parts:
316L SS
Weight: 285 g (10 oz)
10 mV/V
Output
Sanitary Pressure Transducers
Gage and Absolute Range
10 mV/V Output
U 11⁄2" or 2" Tri-GripTM Fittings Available
U All Stainless Steel Construction
U High Reliability Silicon Sensor
U 3A Approved



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com