Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 5 Page - Omega Engineering, Inc.

Part # M12C-PVC-4-R-F-5
Description  Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

M12C-PVC-4-R-F-5 Datasheet(HTML) 5 Page - Omega Engineering, Inc.

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 2Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 3Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 4Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 5Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 6Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 7Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Sanitary Pressure Transmitters
Compound, Vacuum and Barometric Ranges
79
Sanitary product line continues to expand,
visit omega.com/sanitary for details!
[*] Select Electrical Termination Below (no extra charge)
0 (PX409S) = 2 m (6') with flying leads**
1 (PX419S) = mini DIN connector (mating connector supplied)
2 (PX429S) = twist lock connector (mating connector PT06F-10S sold separately)
5 (PX459S) = M12 connector (M12 cables sold separately see chart above)
** To order with a 1⁄2 NPT conduit fitting, specify model PX409CS.
To order 0 to 10 Vdc output, change
“5V” to “10V”, no extra charge.
Ordering Examples: PX409S15-015CG5V, cable termination, 1.5" Tri-grip fitting, ±15 psig range,
0 to 5 Vdc output.
PX459S20-001V5V, M12 termination, 2" Tri-grip fitting, 0 to -1 psi (vacuum) range, 0 to 5 Vdc output.
PX419S15-16HB10V, mini DIN termination, 1.5" Tri-grip fitting, 550 to 1100 hPa calibrated range,
0 to 10 Vdc output.
Specifications
(Amplified Voltage Output)
Output/Supply:
0 to 5 Vdc: 10 to 30 Vdc
0 to 10 Vdc: 15 to 30 Vdc
PX409S: 2 m (6')
cable, IP67 rating
PX419S: mini DIN
IP67 rating, absolute
IP65 rating, gage
PX409CS: Conduit/
cable IP67 rating
PX459S: M12 connector
IP67 rating, absolute
IP65 rating, gage
Electrical Terminations
PX429S: Twist-lock
IP67 rating, absolute
IP65 rating, gage
Accuracy: ±0.08% BSL (linearity,
hysteresis repeatability combined)
compound gage models calibrated in
positive direction only
To Order
Range
11⁄2 Tri-GripTM
2 Tri-GripTM
psi
mbar
Fitting
Fitting
Compound Gage Ranges
±10 inH2O
±25
PX4[*]9S15-10WCG5V
PX4[*]9S20-10WCG5V
±1
±69
PX4[*]9S15-001CG5V
PX4[*]9S20-001CG5V
±2.5
±172
PX4[*]9S15-2.5CG5V
PX4[*]9S20-2.5CG5V
±5
±345
PX4[*]9S15-005CG5V
PX4[*]9S20-005CG5V
±15
±1034
PX4[*]9S15-015CG5V
PX4[*]9S20-015CG5V
Vacuum Ranges (Negative Gage, 0 = Ambient)
0 to -10 inH2O
0 to -25
PX4[*]9S15-10WV5V
PX4[*]9S20-10WV5V
0 to -1
0 to -69
PX4[*]9S15-001V5V
PX4[*]9S20-001V5V
0 to -2.5
0 to -172
PX4[*]9S15-2.5V5V
PX4[*]9S20-2.5V5V
0 to -5
0 to -345
PX4[*]9S15-005V5V
PX4[*]9S20-005V5V
0 to -15
0 to -1034
PX4[*]9S15-015V5V
PX4[*]9S20-015V5V
Barometric Ranges (Absolute Pressure)
0 to 32 inHg
–
PX4[*]9S15-32B5V
PX4[*]9S20-32B5V
16 to 32 inHg
–
PX4[*]9S15-16B5V
PX4[*]9S20-16B5V
26 to 32 inHg
–
PX4[*]9S15-26B5V
PX4[*]9S20-26B5V
—
0 to 1100 hPa
PX4[*]9S15-32HB5V
PX4[*]9S20-32HB5V
—
550 to 1100 hPa
PX4[*]9S15-16HB5V
PX4[*]9S20-16HB5V
—
880 to 1100 hPa
PX4[*]9S15-26HB5V
PX4[*]9S20-26HB5V
Model No.
Description
M12C-PVC-4-S-F-5
PVC cable, straight 4-pin M12 female connector one end, flying
leads one end, 5 m (16.4') long, for PX459
M12C-PVC-4-R-F-5
PVC cable, right angled 4-pin M12 female connector one end, flying
leads one end 5 m (16.4') long, for PX459
PT06F10-65
Twist lock connector for PX429
Accessories



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com