Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 4 Page - Omega Engineering, Inc.

Part # M12C-PVC-4-R-F-5
Description  Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

M12C-PVC-4-R-F-5 Datasheet(HTML) 4 Page - Omega Engineering, Inc.

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 2Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 3Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 4Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 5Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 6Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 7Page - Omega Engineering, Inc. M12C-PVC-4-R-F-5 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DP41-E, shown smaller
than actual size.
78
Shop
online at
SM
To download information and to
order online, visit omega.com/sanitary
Twist-lock style.
Exploded view showing
PX429S15-005GI. Standard
Tri-GripTM fitting works with
commercially available sanitary
pipes and fittings.
Shown smaller
than actual size.
[*] Select Electrical Termination Below (no extra charge)
0 (PX409S) = 2 m (6') cable**
1 (PX419S) = mini DIN connector (mating connector supplied)
2 (PX429S) = twist Lock connector (mating connector PT06F10-6S not included)
5 (PX459S) = M12 connector (M12 cables sold separately, see accessories on next page)
** To order with a 1⁄2 NPT conduit fitting, specify model PX409CS.
To order 0 to 10 Vdc output, change
“5V” to “10V”, no extra charge.
Ordering Examples: PX409S15-005G5V, 2 m (6') cable termination, 1.5" Tri-Grip fitting, 5 psig range,
0 to 5 Vdc output.
PX419S20-10WG5V, mini DIN connector, 2" Tri-Grip fitting, 10 inH2O range, 0 to 5 Vdc output.
PX429S15-050G10V, twist-lock connector, 1.5" Tri-Grip fitting, 50 psig range, 0 to 10 Vdc output, mating
connector sold separately,
PT06F10-6S.
PX459S15-100G5V, M12 connector, 1.5" Tri-Grip fitting, 100 psig range, 0 to 5 Vdc output.
0 to 5 Vdc or
0 to 10 Vdc
Output
Sanitary Pressure
Transducers
Gages and Absolute
Ranges
0 to 5 or 0 to 10 Vdc
Output
U 11⁄2" or 2" Tri-GripTM
Fittings Available
U All Stainless Steel
Construction
U High Reliability Silicon
Sensor
U 3A Approved
To Order
Range
11⁄2" Tri-GripTM
2" Tri-GripTM
psi
bar
Fitting
Fitting
Gage Pressure Models, 0 to 5 Vdc Output
0 to 10 inH2O
0 to 25 mb
PX4[*]9S15-10WG5V
PX4[*]9S20-10WG5V
0 to 1
0 to 69 mb
PX4[*]9S15-001G5V
PX4[*]9S20-001G5V
0 to 2.5
0 to 172 mb
PX4[*]9S15-2.5G5V
PX4[*]9S20-2.5G5V
0 to 5
0 to 345 mb
PX4[*]9S15-005G5V
PX4[*]9S20-005G5V
0 to 15
0 to 1
PX4[*]9S15-015G5V
PX4[*]9S0-015G5V
0 to 30
0 to 2.1
PX4[*]9S15-030G5V
PX4[*]9S20-030G5V
0 to 50
0 to 3.4
PX4[*]9S15-050G5V
PX4[*]9S20-050G5V
0 to 100
0 to 6.9
PX4[*]9S15-100G5V
PX4[*]9S20-100G5V
0 to 150
0 to 10.3
PX4[*]9S15-150G5V
PX4[*]9S20-150G5V
0 to 250
0 to 17.2
PX4[*]9S15-250G5V
PX4[*]9S20-250G5V
0 to 500
0 to 34.5
PX4[*]9S15-500G5V
PX4[*]9S20-500G5V
0 to 600
0 to 41.4
PX4[*]9S15-600G5V
Absolute Pressure Models, 0 to 5 Vdc Output
0 to 5
0 to 345 mb
PX4[*]9S15-005A5V
PX4[*]9S20-005A5V
0 to 15
0 to 1
PX4[*]9S15-015A5V
PX4[*]9S0-015A5V
0 to 30
0 to 2.1
PX4[*]9S15-030A5V
PX4[*]9S20-030A5V
0 to 50
0 to 3.4
PX4[*]9S15-050A5V
PX4[*]9S20-050A5V
0 to 100
0 to 6.9
PX4[*]9S15-100A5V
PX4[*]9S20-100A5V
0 to 150
0 to 10.3
PX4[*]9S15-150A5V
PX4[*]9S20-150A5V
0 to 250
0 to 17.2
PX4[*]9S15-250A5V
PX4[*]9S20-250A5V
0 to 500
0 to 34.5
PX4[*]9S15-500A5V
PX4[*]9S20-500A5V
0 to 600
0 to 41.4
PX4[*]9S15-600A5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com