Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192 Datasheet(PDF) 2 Page - Texas Instruments

Part # DIX4192
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 2 Page - Texas Instruments

  DIX4192 Datasheet HTML 1Page - Texas Instruments DIX4192 Datasheet HTML 2Page - Texas Instruments DIX4192 Datasheet HTML 3Page - Texas Instruments DIX4192 Datasheet HTML 4Page - Texas Instruments DIX4192 Datasheet HTML 5Page - Texas Instruments DIX4192 Datasheet HTML 6Page - Texas Instruments DIX4192 Datasheet HTML 7Page - Texas Instruments DIX4192 Datasheet HTML 8Page - Texas Instruments DIX4192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
2
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Device Comparison Table..................................... 3
7
Pin Configuration and Functions ......................... 4
8
Specifications......................................................... 5
8.1
Absolute Maximum Ratings ...................................... 5
8.2
ESD Ratings.............................................................. 6
8.3
Recommended Operating Conditions ....................... 6
8.4
Thermal Information .................................................. 6
8.5
Electrical Characteristics........................................... 6
8.6
Timing Requirements ................................................ 7
8.7
Typical Characteristics ............................................ 10
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
9.2
Functional Block Diagram ....................................... 12
9.3
Feature Description................................................. 12
9.4
Device Functional Modes........................................ 23
9.5
Register Maps ........................................................ 26
10
Application and Implementation........................ 51
10.1
Application Information.......................................... 51
10.2
Typical Application ................................................ 58
11
Power Supply Recommendations ..................... 59
12
Layout................................................................... 60
12.1
Layout Guidelines ................................................. 60
12.2
Layout Example .................................................... 60
13
Device and Documentation Support ................. 61
13.1
Device Support...................................................... 61
13.2
Documentation Support ........................................ 61
13.3
Receiving Notification of Documentation Updates 61
13.4
Community Resources.......................................... 61
13.5
Trademarks ........................................................... 61
13.6
Electrostatic Discharge Caution ............................ 62
13.7
Glossary ................................................................ 62
14
Mechanical, Packaging, and Orderable
Information ........................................................... 62
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2016) to Revision F
Page
•
Changed fMCLK Max value From: 2.27 To: 27.7 ..................................................................................................................... 6
Changes from Revision D (January 2016) to Revision E
Page
•
Changed "IIH High-level input current" MAX value From: 10 µA To: 25 µA in the Electrical Characteristics table ................ 6
•
Changed Byte 2 in Figure 22a) Current Address Read, .. .................................................................................................. 25
Changes from Revision C (June 2006) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section. .............................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com