Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192 Datasheet(PDF) 21 Page - Texas Instruments

Part # DIX4192
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 17Page - Texas Instruments DIX4192 Datasheet HTML 18Page - Texas Instruments DIX4192 Datasheet HTML 19Page - Texas Instruments DIX4192 Datasheet HTML 20Page - Texas Instruments DIX4192 Datasheet HTML 21Page - Texas Instruments DIX4192 Datasheet HTML 22Page - Texas Instruments DIX4192 Datasheet HTML 23Page - Texas Instruments DIX4192 Datasheet HTML 24Page - Texas Instruments DIX4192 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Ch2
.
Ch. 1
Ch. 1
Ch2
.
Ch2
.
Ch. 1
Ch. 1
Ch2
.
BLS
(output)
SY C
N
(output)
CorU daa
t
(output)
Bit 0
Bit 1
Bit 2
Bit 4
¼
Block Start
(Fr me
a
0St rtsHe
a
re)
2
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
10
0
10
1
10
2
10
3
JitterFrequency(Hz)
10
4
10
5
10
6
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
20
100
1k
SinusoidalJitterFrequency(Hz)
10k
100k
5
2
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
THD+N
OutputJitterAmplitude
InputJitterAmplitude
21
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
The DIR includes a dedicated, active low AES3 decoder and PLL2 lock output, named LOCK (pin 11). The lock
output is active only when both the AES3 decoder and PLL2 indicate a lock condition. Additional DIR status flags
may be output at the general-purpose output (GPO) pins, or accessed through the status registers through the
SPI or I2C host interface. Refer to General-Purpose Digital Outputs and Control Registers for additional
information regarding the DIR status functions.
Figure 15. DIR Jitter Attenuation Characteristics
Figure 16. DIR Jitter Tolerance Plot
Figure 17. DIR Channel Status and User Data Serial Output Format Through the GPO Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com