Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192 Datasheet(PDF) 34 Page - Texas Instruments

Part # DIX4192
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 30Page - Texas Instruments DIX4192 Datasheet HTML 31Page - Texas Instruments DIX4192 Datasheet HTML 32Page - Texas Instruments DIX4192 Datasheet HTML 33Page - Texas Instruments DIX4192 Datasheet HTML 34Page - Texas Instruments DIX4192 Datasheet HTML 35Page - Texas Instruments DIX4192 Datasheet HTML 36Page - Texas Instruments DIX4192 Datasheet HTML 37Page - Texas Instruments DIX4192 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
34
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table 14. Register 0B: DIT Interrupt Mask Register Field Descriptions (continued)
MTSLIP
Transmitter TSLIP Interrupt Mask
MTSLIP
TSLIP Interrupt Mask
0
TSLIP interrupt is masked. (default)
1
TSLIP interrupt is enabled.
Figure 34. Register 0C: DIT Interrupt Mode Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
TSLIPM1
TSLIPM0
TBTIM1
TBTIM0
Table 15. Register 0C: DIT Interrupt Mode Register Field Descriptions
TBTIM[1:0]
Transmitter Buffer Transfer Interrupt Mode
These bits are used to select the active trigger state for the BTI interrupt.
TBTIM1
TBTIM0
Interrupt Active State
0
0
Rising edge active (default)
0
1
Falling edge active
1
0
Level active
1
1
Reserved
TSLIPM[1:0]
Transmitter Data Source Slip Interrupt Mode
These bits are used to select the active trigger state for the TSLIP interrupt.
TSLIPM1
TSLIPM0
Interrupt Active State
0
0
Rising edge active (default)
0
1
Falling edge active
1
0
Level active
1
1
Reserved
Figure 35. Register 0D: Receiver Control Register 1
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
RXBTD
RXCLK
0
RXMUX1
RXMUX0
Table 16. Register 0D: Receiver Control Register 1 Field Descriptions
RXMUX[1:0]
Receiver Input Source Selection
These bits are used to select the output of the line receiver to be used as the input data source for the DIR core.
RXMUX1
RXMUX0
Input Selection
0
0
RX1 (default)
0
1
RX2
1
0
RX3
1
1
RX4
RXCLK
Receiver Reference Clock Source
This bit is used to select the reference clock source for PLL1 in the DIR core.
RXCLK
Receiver Reference Clock
0
RXCKI (default)
1
MCLK
RXBTD
Receiver C and U Data Buffer Transfer Disable
This bit is used to enable and disable buffer transfers between the Receiver Access (RA) and User Access (UA) buffers for both channel
status (C) and user (U) data.
Buffer transfers are typically disabled to allow the customer to read C and U data from the DIR UA buffer through the SPI or I2C serial host
interface. Once read, the RA-to-UA buffer transfer can be re-enabled to allow the RA buffer to update the contents of the UA buffer in real
time.
RXBTD
Receiver Access (RA) to User Access (UA) Buffer Transfers
0
Enabled (default)
1
Disabled; the user may read C and U data from the DIR UA buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com