Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192 Datasheet(PDF) 44 Page - Texas Instruments

Part # DIX4192
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 40Page - Texas Instruments DIX4192 Datasheet HTML 41Page - Texas Instruments DIX4192 Datasheet HTML 42Page - Texas Instruments DIX4192 Datasheet HTML 43Page - Texas Instruments DIX4192 Datasheet HTML 44Page - Texas Instruments DIX4192 Datasheet HTML 45Page - Texas Instruments DIX4192 Datasheet HTML 46Page - Texas Instruments DIX4192 Datasheet HTML 47Page - Texas Instruments DIX4192 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
44
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9.5.2.1 Registers 1F through 28: Q-Channel Sub-Code Data Registers
Registers 0x1F through 0x28 comprise the Q-channel sub-code buffer, which may be accessed for audio CD
playback. The Q-channel data provides information regarding the playback status for the current disc. The buffer
data is decoded by the DIR block.
Figure 54. Register 1F: Q-Channel Sub-Code Data Register 1 (Read-Only), Bits[7:0], Control and Address
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Figure 55. Register 20: Q-Channel Sub-Code Data Register 2 (Read-Only), Bits[15:8], Track
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Figure 56. Register 21: Q-Channel Sub-Code Data Register 3 (Read-Only), Bits[23:16], Index
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q16
Q17
Q18
Q19
Q20
Q21
Q22
Q23
Figure 57. Register 22: Q-Channel Sub-Code Data Register 4 (Read-Only), Bits[31:24], Minutes
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q24
Q25
Q26
Q27
Q28
Q29
Q30
Q31
Figure 58. Register 23: : Q-Channel Sub-Code Data Register 5 (Read-Only), Bits[39:32], Seconds
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q32
Q33
Q34
Q35
Q36
Q37
Q38
Q39
Figure 59. Register 24: : Q-Channel Sub-Code Data Register 6 (Read-Only), Bits[47:40], Frame
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q40
Q41
Q42
Q43
Q44
Q45
Q46
Q47
Figure 60. Register 25: Q-Channel Sub-Code Data Register 7 (Read-Only), Bits[55:48], Zero
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q48
Q49
Q50
Q51
Q52
Q53
Q54
Q55
Figure 61. Register 26: Q-Channel Sub-Code Data Register 8 (Read-Only), Bits[63:56], AMIN
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q56
Q57
Q58
Q59
Q60
Q61
Q62
Q63
Figure 62. Register 27: Q-Channel Sub-Code Data Register 9 (Read-Only), Bits[71:64], ASEC
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q64
Q65
Q66
Q67
Q68
Q69
Q70
Q71
Figure 63. Register 28: Q-Channel Sub-Code Data Register 10 (Read-Only), Bits[79:72], AFRAME
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Q72
Q73
Q74
Q75
Q76
Q77
Q78
Q79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com