Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LPC660IM/NOPB
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC660IM/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPC660IM/NOPB Datasheet HTML 12Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 13Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 14Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 15Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 16Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 17Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 18Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 19Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LPC660
SNOS554D – MAY 1998 – REVISED MARCH 2013
www.ti.com
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-peak output swing of 4.5V
Figure 41. Power Amplifier
Figure 42. 10 Hz Bandpass Filter
fO = 10 Hz
Q = 2.1
Gain =
−8.8
Figure 43. 10 Hz High-Pass Filter (2 dB Dip)
fc = 10 Hz
d = 0.895
Gain = 1
Figure 44. 1 Hz Low-Pass Filter (Maximally Flat, Dual Supply Only)
16
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com