Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LPC660IM/NOPB
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC660IM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPC660IM/NOPB Datasheet HTML 7Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 8Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 9Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 10Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 11Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 12Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 13Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 14Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
Capacitive load driving capability is enhanced by using a pull up resistor to V+ (Figure 27). Typically a pull up
resistor conducting 50
μA or more will significantly improve capacitive load responses. The value of the pull up
resistor must be determined based on the current sinking capability of the amplifier with respect to the desired
output swing. Open loop gain of the amplifier can also be affected by the pull up resistor (see Electrical
Characteristics).
Figure 27. Compensating for LargeCapacitive Loads with A Pull Up Resistor
PRINTED-CIRCUIT-BOARD LAYOUT
FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate with less than 1000 pA of leakage current requires
special layout of the PC board. When one wishes to take advantage of the ultra-low bias current of the LPC660,
typically less than 0.04 pA, it is essential to have an excellent layout. Fortunately, the techniques for obtaining
low leakages are quite simple. First, the user must not ignore the surface leakage of the PC board, even though
it may sometimes appear acceptably low, because under conditions of high humidity or dust or contamination,
the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LPC660's inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals, etc. connected to the op-amp's
inputs. See Figure 28. To have a significant effect, guard rings should be placed on both the top and bottom of
the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the amplifier
inputs, since no leakage current can flow between two points at the same potential. For example, a PC board
trace-to-pad resistance of 1012 ohms, which is normally considered a very large resistance, could leak 5 pA if the
trace were a 5V bus adjacent to the pad of an input. This would cause a 100 times degradation from the
LPC660's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a resistance
of 1011 ohms would cause only 0.05 pA of leakage current, or perhaps a minor (2:1) degradation of the
amplifier's performance. See Figure 29a, Figure 30b, Figure 31c for typical connections of guard rings for
standard op-amp configurations. If both inputs are active and at high impedance, the guard can be tied to ground
and still provide some protection; see Figure 32d.
Figure 28. Example of Guard Ring in P.C. Board Layout using the LPC660
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com