Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LPC660IM/NOPB
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC660IM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LPC660IM/NOPB Datasheet HTML 1Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 2Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 3Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 4Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 5Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 6Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 7Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 8Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LPC660
SNOS554D – MAY 1998 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V, and RL > 1M unless otherwise specified.
LPC660AM
LPC660AI
LPC660I
Parameter
Conditions
Typ
LPC660AMJ/883
Units
Limit (1) (2)
Limit (1)
Limit (1)
Output Swing
V+ = 5V
4.987
4.970
4.970
4.940
V
RL = 100 kΩ to V
+/2
4.950
4.950
4.910
min
0.004
0.030
0.030
0.060
V
0.050
0.050
0.090
max
V+ = 5V
4.940
4.850
4.850
4.750
V
RL = 5 kΩ to V
+/2
4.750
4.750
4.650
min
0.040
0.150
0.150
0.250
V
0.250
0.250
0.350
max
V+ = 15V
14.970
14.920
14.920
14.880
V
RL = 100 kΩ to V
+/2
14.880
14.880
14.820
min
0.007
0.030
0.030
0.060
V
0.050
0.050
0.090
max
V+ = 15V
14.840
14.680
14.680
14.580
V
RL = 5 kΩ to V
+/2
14.600
14.600
14.480
min
0.110
0.220
0.220
0.320
V
0.300
0.300
0.400
max
Output Current
Sourcing, VO = 0V
22
16
16
13
mA
V+ = 5V
12
14
11
min
Sinking, VO = 5V
21
16
16
13
mA
12
14
11
min
Output Current
Sourcing, VO = 0V
40
19
28
23
mA
V+ = 15V
19
25
20
min
Sinking, VO = 13V
39
19
28
23
mA
(4)
19
24
19
min
Supply Current
All Four Amplifiers
160
200
200
240
μA
VO = 1.5V
250
230
270
max
(4)
Do not connect output to V+when V+ is greater than 13V or reliability may be adversely affected.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com