Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LPC660IM/NOPB
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC660IM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LPC660IM/NOPB Datasheet HTML 1Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 2Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 3Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 4Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 5Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 6Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 7Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 8Page - Texas Instruments LPC660IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
LPC660 Low Power CMOS Quad Operational Amplifier
Check for Samples: LPC660
1
FEATURES
DESCRIPTION
The LPC660 CMOS Quad operational amplifier is
2
•
Rail-to-rail output swing
ideal for operation from a single supply. It features a
•
Micropower operation: (1 mW)
wide range of operating voltages from +5V to +15V
•
Specified for 100 k
Ω and 5 kΩ loads
and features rail-to-rail output swing in addition to an
input common-mode range that includes ground.
•
High voltage gain: 120 dB
Performance limitations that have plagued CMOS
•
Low input offset voltage: 3 mV
amplifiers in the past are not a problem with this
•
Low offset voltage drift: 1.3
μV/°C
design. Input VOS, drift, and broadband noise as well
as voltage gain (into 100 k
Ω and 5 kΩ) are all equal
•
Ultra low input bias current: 2 fA
to or better than widely accepted bipolar equivalents,
•
Input common-mode includes V−
while the power supply requirement is typically less
•
Operation range from +5V to +15V
than 1 mW.
•
Low distortion: 0.01% at 1 kHz
This chip is built with National's advanced Double-
•
Slew rate: 0.11 V/
μs
Poly Silicon-Gate CMOS process.
•
Full military temp. range available
See the LPC662 datasheet for a Dual CMOS
operational amplifier and LPC661 datasheet for a
APPLICATIONS
single CMOS operational amplifier with these same
features.
•
High-impedance buffer
•
Precision current-to-voltage converter
•
Long-term integrator
•
High-impedance preamplifier
•
Active filter
•
Sample-and-Hold circuit
•
Peak detector
Application Circuit
Oscillator frequency is determined by R1, R2, C1, and C2:
fOSC = 1/2πRC
where R = R1 = R2 and C = C1 = C2.
Figure 1. Sine-Wave Oscillator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LPC660IM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPC660IM/NOPB TI1-LPC660IM/NOPB Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results

Similar Description - LPC660IM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
CMOS Quad Operational Amplifier
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com