Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6563_07 Datasheet HTML 8Page - STMicroelectronics L6563_07 Datasheet HTML 9Page - STMicroelectronics L6563_07 Datasheet HTML 10Page - STMicroelectronics L6563_07 Datasheet HTML 11Page - STMicroelectronics L6563_07 Datasheet HTML 12Page - STMicroelectronics L6563_07 Datasheet HTML 13Page - STMicroelectronics L6563_07 Datasheet HTML 14Page - STMicroelectronics L6563_07 Datasheet HTML 15Page - STMicroelectronics L6563_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Typical electrical performance
L6563 - L6563A
12/39
Figure 10. Static OVP level vs TJ
Figure 11. Vcs clamp vs TJ
Figure 12. Dynamic OVP current vs TJ
(normalized value)
Figure 13. Current-sense offset vs
mains voltage phase angle
Figure 14. Delay-to-output vs TJ
Figure 15. Ic latch-off level on current sense vs
TJ (L6563 only)
Tj (°C)
VCOMP (pin 2)
(V)
-50
0
50
100
150
2
2.1
2.2
2.3
2.4
2.5
Vcc = 12 V
Tj (°C)
VCOMP (pin 2)
(V)
-50
0
50
100
150
2
2.1
2.2
2.3
2.4
2.5
Vcc = 12 V
Tj (°C)
V
CSx (pin 4)
(V)
-50
0
50
100
150
1
1.1
1.2
1.3
1.4
1.5
Vcc = 12 V
VCOMP = Upper clamp
Tj (°C)
V
CSx (pin 4)
(V)
-50
0
50
100
150
1
1.1
1.2
1.3
1.4
1.5
Vcc = 12 V
VCOMP = Upper clamp
IOVP
-50
0
50
100
150
80%
90%
100%
110%
120%
Vcc = 12 V
Tj (°C)
IOVP
-50
0
50
100
150
80%
90%
100%
110%
120%
Vcc = 12 V
Tj (°C)
θ(°)
V
CSoffset (pin 4)
(mV)
0
0.628
1.256
1.884
2.512
3.14
0
5
10
15
20
25
30
Vcc = 12 V
Tj = 25 °
VMULT = 0 to 3V
VFF = 3V
VMULT = 0 to 0.7V
VFF = 0.7V
θ(°)
V
CSoffset (pin 4)
(mV)
0
0.628
1.256
1.884
2.512
3.14
0
5
10
15
20
25
30
Vcc = 12 V
Tj = 25 °
VMULT = 0 to 3V
VFF = 3V
VMULT = 0 to 0.7V
VFF = 0.7V
Tj (°C)
tD(H-L)
(ns)
-50
0
50
100
150
50
100
150
200
250
300
Vcc = 12 V
Tj (°C)
tD(H-L)
(ns)
-50
0
50
100
150
50
100
150
200
250
300
Vcc = 12 V
Tj (°C)
Vpin4
(V)
-50
0
50
100
150
1.0
1.2
1.4
1.6
1.8
2.0
Vcc = 12 V
Tj (°C)
Vpin4
(V)
-50
0
50
100
150
1.0
1.2
1.4
1.6
1.8
2.0
Vcc = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com