Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6563_07 Datasheet HTML 21Page - STMicroelectronics L6563_07 Datasheet HTML 22Page - STMicroelectronics L6563_07 Datasheet HTML 23Page - STMicroelectronics L6563_07 Datasheet HTML 24Page - STMicroelectronics L6563_07 Datasheet HTML 25Page - STMicroelectronics L6563_07 Datasheet HTML 26Page - STMicroelectronics L6563_07 Datasheet HTML 27Page - STMicroelectronics L6563_07 Datasheet HTML 28Page - STMicroelectronics L6563_07 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
L6563 - L6563A
Application information
25/39
5.
Check that the maximum current sourced by the TBO pin (pin 6) does not exceed the
maximum specified (0.25mA):
Equation 10
In the following Mathcad® sheet, as an example, the calculation is shown for the circuit
illustrated in Figure 40. Figure 41 shows the internal block diagram of the tracking boost
function.
Design data
Vin1 := 88V
Vo1:= 200V
Vin2 := 264V
Vo2:= 385V
Vox ;= 400V
∆Vo ;= 40V
Step 1
choose: Vinx: = 270V
Step 2
Step 3
I
TBOmax
3
R
T
-------
0.25 10
3
–
⋅
≤
=
Vin
clamp:
Vox
Vo
1
–
Vo
2
Vo
1
–
--------------------------- Vin
2
⋅
=
Vox
Vo
2
–
Vo
2
Vo
1
–
--------------------------- Vin
1
⋅
–
Vinclamp = 278.27V
k:
3
2Vin
x
⋅
-----------------------
=
k = 7.857 x 10-3
R1:
Vo
∆
20
----------- 10
6
⋅
=
R1 = 2 x 106
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com