Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6563_07 Datasheet HTML 13Page - STMicroelectronics L6563_07 Datasheet HTML 14Page - STMicroelectronics L6563_07 Datasheet HTML 15Page - STMicroelectronics L6563_07 Datasheet HTML 16Page - STMicroelectronics L6563_07 Datasheet HTML 17Page - STMicroelectronics L6563_07 Datasheet HTML 18Page - STMicroelectronics L6563_07 Datasheet HTML 19Page - STMicroelectronics L6563_07 Datasheet HTML 20Page - STMicroelectronics L6563_07 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
L6563 - L6563A
Application information
17/39
An important advantage of this technique is that the overvoltage level can be set
independently of the regulated output voltage: the latter depends on the ratio of R1 to R2,
the former on the individual value of R1. Another advantage is the precision: the tolerance of
the detection current is 15%, which means 15% tolerance on the
∆V
O. Since it is usually
much smaller than Vo, the tolerance on the absolute value will be proportionally reduced.
Example: VO = 400V, ∆VO = 40V.
Then: R1 = 40V/20µA = 2M
Ω ; R2 = 2.5·2MΩ·/(400-2.5) = 12.58kΩ.
The tolerance on the OVP level due to the L6563/A will be 40·0.15 = 6 V, that is ± 1.36%.
When either OVP is activated the quiescent consumption is reduced to minimize the
discharge of the Vcc capacitor.
Figure 34. Output voltage setting, OVP and FFP functions: internal block diagram
-
+
2.5V
L6563
L6563A
1
2
INV
COMP
E/A
+
-
Frequency
Compensation
+
-
R2
7
PFC_OK
ITBO
2.25V
Static OVP
Dynamic OVP
20 µA
Vout
{R1a
R1b
R1
9.5V
FAULT (latched)
TBO
FUNCTION
R4
{R3a
R3b
R3
+
-
FAULT (not latched)
0.26V
9.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com