Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6563_07 Datasheet HTML 31Page - STMicroelectronics L6563_07 Datasheet HTML 32Page - STMicroelectronics L6563_07 Datasheet HTML 33Page - STMicroelectronics L6563_07 Datasheet HTML 34Page - STMicroelectronics L6563_07 Datasheet HTML 35Page - STMicroelectronics L6563_07 Datasheet HTML 36Page - STMicroelectronics L6563_07 Datasheet HTML 37Page - STMicroelectronics L6563_07 Datasheet HTML 38Page - STMicroelectronics L6563_07 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
L6563 - L6563A
Package mechanical data
37/39
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Table 9. SO-14 Mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.30
0.004
0.012
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.01
D (1)
8.55
8.75
0.337
0.344
E
3.80
4.0
0.150
0.157
e
1.27
0.050
H
5.8
6.20
0.228
0.244
h
0.25
0.50
0.01
0.02
L
0.40
1.27
0.016
0.050
k
0° (min.), 8° (max.)
ddd
0.10
0.004
Figure 56. Package dimensions
0016019D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com