Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6563ATR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6563ATR Datasheet HTML 3Page - STMicroelectronics L6563ATR Datasheet HTML 4Page - STMicroelectronics L6563ATR Datasheet HTML 5Page - STMicroelectronics L6563ATR Datasheet HTML 6Page - STMicroelectronics L6563ATR Datasheet HTML 7Page - STMicroelectronics L6563ATR Datasheet HTML 8Page - STMicroelectronics L6563ATR Datasheet HTML 9Page - STMicroelectronics L6563ATR Datasheet HTML 10Page - STMicroelectronics L6563ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
L6563 - L6563A
Electrical characteristics
7/39
4
Electrical characteristics
Table 5. Electrical characteristics
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF between pin GD and GND, CFF =1µF between pin VFF
and GND; unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
Vcc
Operating range
After turn-on
10.3
22
V
VccOn
Turn-on threshold
(1)
11
12
13
V
VccOff
Turn-off threshold
(1)
8.7
9.5
10.3
V
Hys
Hysteresis
2.3
2.7
V
VZ
Zener Voltage
Icc = 20 mA
22
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on, Vcc = 10V
50
90
µA
Iq
Quiescent current
After turn-on
3
5
mA
ICC
Operating supply current @ 70kHz
3.8
5.5
mA
Iqdis
Idle state quiescent
Current
Latched by PFC_OK > Vthl or
Vcs > VCSdis
180
250
µA
Disabled by PFC_OK < Vth or
RUN < VDIS
1.5
2.2
mA
Iq
Quiescent current
During static/dynamic OVP
2
3
mA
Multiplier input
IMULT
Input bias current
VMULT = 0 to 3 V
-0.2
-1
µA
VMULT
Linear operation range
0 to 3
V
VCLAMP
Internal clamp level
IMULT = 1 mA
99.5
V
Output max. slope
VMULT=0 to 0.5V, VFF=0.8V
VCOMP = Upper clamp
2.2
2.34
V/V
KM
Gain (3)
VMULT = 1 V, VCOMP= 4 V,
VVFF = VMULT
0.375
0.45
0.525
V
Error amplifier
VINV
Voltage feedback input
threshold
TJ = 25 °C
2.465
2.5
2.535
V
10.3 V < Vcc < 22 V (2)
2.44
2.56
Line regulation
Vcc = 10.3 V to 22V
2
5
mV
IINV
Input bias current
TBO open, VINV = 0 to 4 V
-0.2
-1
µA
V
cs
∆
V
MULT
∆
---------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com