Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6563ATR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6563ATR Datasheet HTML 5Page - STMicroelectronics L6563ATR Datasheet HTML 6Page - STMicroelectronics L6563ATR Datasheet HTML 7Page - STMicroelectronics L6563ATR Datasheet HTML 8Page - STMicroelectronics L6563ATR Datasheet HTML 9Page - STMicroelectronics L6563ATR Datasheet HTML 10Page - STMicroelectronics L6563ATR Datasheet HTML 11Page - STMicroelectronics L6563ATR Datasheet HTML 12Page - STMicroelectronics L6563ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
L6563 - L6563A
Electrical characteristics
9/39
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Zero current detector
VZCDH
Upper clamp voltage
IZCD = 2.5 mA
5.0
5.7
V
VZCDL
Lower clamp voltage
IZCD = - 2.5 mA
-0.3
0
0.3
V
VZCDA
Arming voltage
(positive-going edge)
(4)
1.4
V
VZCDT
Triggering voltage
(negative-going edge)
(4)
0.7
V
IZCDb
Input bias current
VZCD = 1 to 4.5 V
1µA
IZCDsrc
Source current capability
-2.5
mA
IZCDsnk
Sink current capability
2.5
mA
Tracking boost function
∆V
Dropout voltage
VVFF - VTBO
ITBO = 0.25 mA
20
mV
ITBO
Linear operation
0
0.25
mA
IINV - ITBO current
mismatch
ITBO = 25 µA to 0.25 mA
-3.5
3.5
%
VTBOclamp Clamp voltage
VVFF = 4V
(2)
2.9
3
3.1
V
PFC_OK
Vthl
Latch-off threshold
Voltage rising (2)
2.4
2.5
2.6
V
Vth
Disable threshold
Voltage falling (2)
0.2
V
VEN
Enable threshold
Voltage rising (2)
0.26
V
IPFC_OK
Input bias current
VPFC_OK = 0 to 2.5V
-0.1
-1
µA
Vclamp
Clamp voltage
IPFC_OK = 1 mA
99.5
V
PWM_LATCH
Ileak
Low level leakage
current
VPWM_LATCH=0
-1
µA
VH
High level
IPWM_LATCH = -0.5 mA
3.7
V
PWM_STOP
Ileak
High level leakage
current
VPWM_STOP = 6V
1µA
VL
Low level
IPWM_STOP = 0.5 mA
1V
Vclamp
Clamp voltage
IPFC_OK = 2 mA
99.5
V
Table 5. Electrical characteristics (continued)
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF between pin GD and GND, CFF =1µF between pin VFF
and GND; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com