Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6563ATR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6563ATR Datasheet HTML 22Page - STMicroelectronics L6563ATR Datasheet HTML 23Page - STMicroelectronics L6563ATR Datasheet HTML 24Page - STMicroelectronics L6563ATR Datasheet HTML 25Page - STMicroelectronics L6563ATR Datasheet HTML 26Page - STMicroelectronics L6563ATR Datasheet HTML 27Page - STMicroelectronics L6563ATR Datasheet HTML 28Page - STMicroelectronics L6563ATR Datasheet HTML 29Page - STMicroelectronics L6563ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Application information
L6563 - L6563A
26/39
Step 4
Step 5
Figure 39. Output voltage vs. input voltage characteristic with TBO
R2:
2.5 R1
Vin
2
Vin
1
–
Vo
1
2.5
–
() Vin
2
Vo
2
2.5
–
() Vin
1
⋅
–
⋅
--------------------------------------------------------------------------------------------------
⋅
⋅
=
R2 = 4.762 x 104
Ω
R
T:k
2 R1
Vin
2
Vin
1
–
Vo
2
Vo
1
–
------------------------------
⋅⋅
⋅
=
RT = 2.114 x 10
4
Ω
I
TBOmax:
3
R
T
------- 10
3
⋅
=
ITBOmax = 0.142 mA
V
MULTpk
k2 Vi
⋅⋅
←
Vo(Vin1) = 200V
Vo(Vi): =
V
TBO
if V
MULTpk
3,V
MULTpk,3
<
()
←
Vo(Vin2) = 385V
2.5
1
R1
R2
--------
+
⎝⎠
⎛⎞
V
TBO
R1
R
T
--------
⋅
+
⋅
Vo(VinX) = 391.307V
100
150
200
250
300
200
250
300
350
400
Vo 2
Vo Vin
(
)
Vin 2Vin x
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com