Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563ATR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6563ATR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563ATR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6563ATR Datasheet HTML 31Page - STMicroelectronics L6563ATR Datasheet HTML 32Page - STMicroelectronics L6563ATR Datasheet HTML 33Page - STMicroelectronics L6563ATR Datasheet HTML 34Page - STMicroelectronics L6563ATR Datasheet HTML 35Page - STMicroelectronics L6563ATR Datasheet HTML 36Page - STMicroelectronics L6563ATR Datasheet HTML 37Page - STMicroelectronics L6563ATR Datasheet HTML 38Page - STMicroelectronics L6563ATR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
L6563 - L6563A
Application examples and ideas
35/39
Figure 52. 250W, wide-range-mains PFC pre-regulator with fixed output voltage
14
3
B1
KBU8M
R1A
820 k
C1
1 µF
400V
C2
1 µF
FUSE
8A/250V
R3
47 k
11
12
L6563
13
21
M1
STP12NM50
4
R9A
1 M
C8
150 µF
450 V
Vout = 400V
Pout = 250 W
Vac
88V
to
264V
R8A,B
0.22
1 W
R10
12.7 k
+
-
C3
10nF
D2
STTH5L06
R6 33
C4
1 µF
R1B
820 k
R2
10 k
D3 1N4148
R9B
1 M
NTC1
2.5
D1
1N5406
C6
470 nF
630 V
R5
6.8 k
L1
R4
1 M
Vcc
10.3 to 22 V
R11A
1.87 M
R12
20 k
R11B
1.87 M
6
7
5
R7
390 k
C5
470nF
8
9
C7
10 nF
10
Boost Inductor (L1) Spec
ETD29x16x10 core, 3C85 ferrite or equivalent
1.5 mm gap for 150 µH primary inductance
Primary: 74 turns 20xAWG30 (
0.3 mm)
Secondary: 8 turns 0.1 mm
Figure 53. 350W, wide-range-mains PFC pre-regulator with fixed output voltage and FOT control
14
3
B1
KBU8M
R1A
620 k
C1
1 µF
400V
C2
1 µF
FUSE
8A/250V
R8
1.5 k
11
12
L6563
13
21
M1A
STP12NM50
4
C11
220 µF
450 V
Vout = 400V
Pout = 350W
Vac
88V
to
264V
R12A,B,C
0.33
1 W
+
-
C3
10nF
D2
STTH806DTI
R9 6.8
C5
1 µF
R1B
620 k
R2
10 k
D3 1N4148
D5
1N4148
R7
12 k
C7
560 pF
C6 330 pF
NTC1
2.5
D1
1N5406
C9
470 nF
630 V
R5
6.8 k
R10 6.8
D4
1N4148
M1B
STP12NM50
R6
1.5 k
TR1
BC557
L1
R15A
1.87 M
R16
20 k
R15B
1.87 M
6
7
5
R3
390 k
C4
470nF
9
8
9
C10
10 nF
10
C8
330 pF
R11 330
R13A
1 M
R14
12.7 k
R13B
1 M
R4
1 M
Vcc
10.3 to 22 V
L1: core E42*21*15, B2 material
1.9 mm air gap on centre leg, main winding
inductance 0.55 mH
58 T of 20 x AWG32 (
0.2 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com