Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ADC120
Description  8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ADC120 Datasheet HTML 2Page - STMicroelectronics ADC120 Datasheet HTML 3Page - STMicroelectronics ADC120 Datasheet HTML 4Page - STMicroelectronics ADC120 Datasheet HTML 5Page - STMicroelectronics ADC120 Datasheet HTML 6Page - STMicroelectronics ADC120 Datasheet HTML 7Page - STMicroelectronics ADC120 Datasheet HTML 8Page - STMicroelectronics ADC120 Datasheet HTML 9Page - STMicroelectronics ADC120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Symbol
Parameters
Test conditions
Min.
Typ.
Max
Unit
VOL(1)
Output low voltage
Isink = 1 mA
0.4
V
IOZH, IOZL
Hi-impedance output
leakage current
-1
1
µA
COUT
Hi-impedance output
capacitance
4.5
pF
Power supply characteristic
IAVCC + IDVCC
Total supply current, normal
mode (CS low)
AVCC = DVCC = +2.7 V to
+3.6 V, fS = 1 MSPS,
FIN = 40 kHz
2
mA
Total supply current,
shutdown mode (CS high)
AVCC = DVCC = +2.7 V to
+3.6 V, fS = 0
5
µA
AC characteristics (AVCC = DVCC = +2.7 V to +3.6 V)
tCONVERT
Conversion (Hold) time
13
SCLK
cycles
DC
SCLK duty cycle
40
60
%
tACQ
Acquisition (Track) Time
cycles
See figure 3
3
SCLK
cycles
Throughput time Acquisition
time + Conversion time
16
SCLK
cycles
tAD
Aperture delay
4
ns
Timing specifications (AVCC = DVCC = +2.7 V to +3.6 V) (2)
tCSH
CS/ hold time after SCLK
rising edge
(3)
10
0
ns
tCSS
CS/ setup time prior SCLK
rising edge
(3)
10
4.5
ns
tEN
CS/falling edge to DOUT
enabled
5
30
ns
tDACC
DOUT access time after
SCLK falling edge
Load 25 pF
17
27
ns
tDHLD
DOUT hold time after SCLK
falling edge
7
4
ns
tDS
DIN setup time prior to
SCLK rising edge
10
ns
tDH
DIN hold time after SCLK
rising edge
10
ns
tDIS
CS/ rising edge to DOUT
high-impedance
DOUT falling
2.4
20
ns
DOUT rising
0.9
20
tCH
Min. SCLK high time
0.4 x tSCLK
ns
tCL
Min. SCLK low time
0.4 x tSCLK
ns
1. Limits are guaranteed by functional test.
2. Limits are guaranteed by design or characterization.
3. Clock may be in any state (high or low) when CS/ goes high. Setup and hold time restrictions apply only to CS/ going low.
ADC120
Electrical characteristics
DS12987 - Rev 1
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com