Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC120 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ADC120
Description  8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ADC120 Datasheet HTML 6Page - STMicroelectronics ADC120 Datasheet HTML 7Page - STMicroelectronics ADC120 Datasheet HTML 8Page - STMicroelectronics ADC120 Datasheet HTML 9Page - STMicroelectronics ADC120 Datasheet HTML 10Page - STMicroelectronics ADC120 Datasheet HTML 11Page - STMicroelectronics ADC120 Datasheet HTML 12Page - STMicroelectronics ADC120 Datasheet HTML 13Page - STMicroelectronics ADC120 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Table 7. TSSOP-16 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.20
A1
0.05
0.15
A2
0.80
1.00
1.05
b
0.19
0.30
c
0.09
0.20
D
4.90
5.00
5.10
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65
k
0°
8°
L
0.45
0.60
0.75
L1
1.00
aaa
0.10
ADC120
TSSOP-16 package information
DS12987 - Rev 1
page 10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com