Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ADC120
Description  8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Datasheet(HTML) 4 Page - STMicroelectronics

  ADC120 Datasheet HTML 1Page - STMicroelectronics ADC120 Datasheet HTML 2Page - STMicroelectronics ADC120 Datasheet HTML 3Page - STMicroelectronics ADC120 Datasheet HTML 4Page - STMicroelectronics ADC120 Datasheet HTML 5Page - STMicroelectronics ADC120 Datasheet HTML 6Page - STMicroelectronics ADC120 Datasheet HTML 7Page - STMicroelectronics ADC120 Datasheet HTML 8Page - STMicroelectronics ADC120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2
Maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameters
Value
Units
AVCC (1)
Maximum analog power supply between AVCC and
AGND
-0.3 V to 4.8 V
V
DVCC (1)
Maximum digital power supply between DVCC and
DGND
-0.3 V to AVCC +0.3 V (max 4.8 V)
V
Tstg
Maximum temperature storage
-65 to +150
°C
Tj
Maximum junction temperature
+150
°C
Rthja (2)
Junction to ambient thermal resistance (TSSOP16
package)
95
°C/W
Rthjc (2)
Junction to case thermal resistance (TSSOP16
package)
35
°C/W
Vi (3)
Max voltage on any pin vs. GND
-0.3 V to AVCC +0.3 V
V
Ii
Max input current at any pin
± 10
mA
ESD
HBM on all pins (human body model)
± 4 k
V
CDM on all pins (charged device model)
± 1 k
V
1. All voltages, except differential I/O bus voltage, are with respect to the network ground terminal.
2. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on the amplifiers.
3. When the input voltage at any pin exceeds the power supplies (that is VIN < AGND or VIN > AVCC or DVCC), the current at
that pin should be limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can
safely exceed the power supplies with an input current of 10 mA to two.
Table 5. Operating conditions
Symbol
Parameters
Min.
Max.
Units
AVCC
Analog supply voltage
2.7
3.6
V
DVCC
Digital supply voltage
AVCC - 0.15 V
AVCC + 0.15 V
V
VINA
Analog input voltage
0
AVCC
V
VIND
Digital input voltage
0
AVCC
V
SCLK
Clock frequency
0.8
16
MHz
Ta
Ambient temperature range
-40
+125
°C
ADC120
Maximum ratings and operating conditions
DS12987 - Rev 1
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com