Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADC120
Description  8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Datasheet(HTML) 1 Page - STMicroelectronics

  ADC120 Datasheet HTML 1Page - STMicroelectronics ADC120 Datasheet HTML 2Page - STMicroelectronics ADC120 Datasheet HTML 3Page - STMicroelectronics ADC120 Datasheet HTML 4Page - STMicroelectronics ADC120 Datasheet HTML 5Page - STMicroelectronics ADC120 Datasheet HTML 6Page - STMicroelectronics ADC120 Datasheet HTML 7Page - STMicroelectronics ADC120 Datasheet HTML 8Page - STMicroelectronics ADC120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TSSOP-16
Features
•
50 ksps to 1 Msps conversion rate
•
8-to-1-channel input MUX
•
3.3 V operating supply
•
Pure CMOS
•
Very low consumption
•
SPI, serial digital output
•
Power-down function
Applications
•
Shunt resistor detector
•
Analog multiplexing and conversion
•
Telemetry
Description
The ADC120 is a low-power, eight-channel pure CMOS 12-bit analog-to-digital
converter specified for conversion from 50 ksps to 1 Msps, tested at 1 Msps. The
architecture is based on a successive-approximation register with an internal track-
and-hold cell. The ADC120 features 8 single ended multiplexed inputs. The output
serial data is straight binary and is SPI™ compatible.
The analog and digital power supplies operate from 2.7 V to 3.6 V. The power
consumption at 3.3 V nominal supply is as low as 6.6 mW. The ADC120 comes
plastic TSSOP-16, and can operates from -40 °C to +125 °C ambient temperature.
Maturity status link
ADC120
Device summary
Order code
ADC120IPT
Temperature
range
-40 °C to +125 °C
Package
TSSOP-16
Marking
ADC120I
8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
ADC120
Datasheet
DS12987 - Rev 1 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ADC120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADC120 STMICROELECTRONICS-ADC120 Datasheet
988Kb / 4P
Evaluation board for the ADC120 8-channel, 50ksps to 1Msps, 12-bit analog to digital converter
Rev 1 - February 2020
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com