Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452VCU3PTR Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 66Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 67Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 68Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 69Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 70Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 71Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 72Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 73Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 210 page
background image
Pinouts and pin description
STM32L452xx
70/210
DocID029968 Rev 3
42 B5 58 57 D3 92
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR, I2C1_SCL,
I2C4_SCL, USART1_TX,
CAN1_TX, TSC_G2_IO3,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
43 A5 59 58 C3 93
B4
PB7
I/O
FT_fa
-
LPTIM1_IN2, I2C1_SDA,
I2C4_SDA, USART1_RX,
UART4_CTS,
TSC_G2_IO4,
EVENTOUT
COMP2_INM, PVD_IN
44 B6 60 59 B4 94
A4
PH3-
BOOT0
(BOOT0)
I/O
FT
-
EVENTOUT
-
45 A6 61 60 B3 95
A3
PB8
I/O
FT_f
-
I2C1_SCL, CAN1_RX,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
-
46 C6 62 61 A3 96
B3
PB9
I/O
FT_f
-
IR_OUT, I2C1_SDA,
SPI2_NSS, CAN1_TX,
SDMMC1_D5,
SAI1_FS_A, EVENTOUT
-
--- 62
-
-
-
VDD12
S
-
-
-
-
-
-
-
-
-
97
C3
PE0
I/O
FT
- TIM16_CH1, EVENTOUT
-
-
-
-
-
-
98
A2
PE1
I/O
FT
-
EVENTOUT
-
47 A7 63 63 D4 99
D3
VSS
S
-
-
-
-
48 A8 64 64 E4 100 C4
VDD
S
-
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the RM0394 reference manual.
3. OPAMPx_VINM pins are not available as additional functions on pins PA1 and PA7 on UFBGA packages. On UFBGA
packages, use the OPAMPx_VINM dedicated pins available on M3 and M4 balls.
4. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
Table 16. STM32L452xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com