Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452VCU3PTR Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 96Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 97Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 98Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 99Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 100Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 101Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 102Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 103Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 210 page
background image
Table 29. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART disable
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.75
2.80
2.90
3.10
3.40
3.15
3.25
3.40
3.70
4.30
mA
16 MHz
1.95
2.00
2.10
2.25
2.60
2.25
2.30
2.50
2.75
3.35
8 MHz
1.10
1.15
1.25
1.40
1.75
1.25
1.35
1.50
1.75
2.35
4 MHz
0.640 0.670 0.765
0.935
1.25
0.75
0.80
0.95
1.25
1.80
2 MHz
0.380 0.405 0.505
0.670
1.00
0.45
0.50
0.65
0.95
1.50
1 MHz
0.250 0.275 0.375
0.540
0.865
0.30
0.35
0.50
0.80
1.35
100 kHz 0.135 0.160 0.255
0.420
0.750
0.15
0.25
0.40
0.65
1.25
Range 1
80 MHz
8.85
8.90
9.05
9.30
9.70
10.0
10.5
10.5
11.0
11.5
72 MHz
8.00
8.05
8.20
8.40
8.85
9.05
9.15
9.35
9.70
10.5
64 MHz
7.90
7.95
8.10
8.35
8.75
8.95
9.10
9.35
9.70
10.5
48 MHz
6.60
6.65
6.80
7.05
7.45
7.55
7.65
7.90
8.30
9.00
32 MHz
4.75
4.80
4.95
5.15
5.55
5.40
5.50
5.75
6.10
6.80
24 MHz
3.60
3.65
3.80
4.00
4.35
4.10
4.20
4.40
4.75
5.40
16 MHz
2.60
2.65
2.75
2.95
3.35
3.00
3.05
3.25
3.60
4.25
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI
all peripherals disable
2 MHz
340
360
470
650
1000
400
455
575
880
1550
µA
1 MHz
175
215
320
500
855
225
285
420
720
1350
400 kHz
89.5
120
225
405
760
130
185
340
620
1250
100 kHz
42.5
75.5
180
360
715
75
145
320
575
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com