Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452VCU3PTR Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 100Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 101Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 102Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 103Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 104Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 105Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 106Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 107Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 210 page
background image
Electrical characteristics
STM32L452xx
104/210
DocID029968 Rev 3
Table 33. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48 MHz
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
Reduced code(1)
2.35
mA
90
µA/MHz
Coremark
2.65
102
Dhrystone 2.1
2.75
106
Fibonacci
2.60
100
While(1)
2.35
90
Reduced code(1)
8.45
mA
106
µA/MHz
Coremark
9.45
118
Dhrystone 2.1
9.85
123
Fibonacci
9.25
116
While(1)
8.45
106
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2 MHz
all peripherals disable
Reduced code(1)
225
µA
113
µA/MHz
Coremark
260
130
Dhrystone 2.1
270
135
Fibonacci
245
123
While(1)
285
143
1. Reduced code used for characterization results provided in Table 27, Table 29, Table 31.
Table 34. Typical current consumption in Run, with different codes running from Flash,
ART enable (Cache ON Prefetch OFF) and power supplied by external SMPS
(VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above
48 MHz
all peripherals
disable
Reduced code(2)
1.01
mA
39
µA/MHz
Coremark
1.14
44
Dhrystone 2.1
1.19
46
Fibonacci
1.12
43
While(1)
1.01
39
Reduced code(2)
3.04
38
Coremark
3.40
42
Dhrystone 2.1
3.54
44
Fibonacci
3.33
42
While(1)
3.04
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com