Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452VCU3PTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 27Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 28Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 29Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 30Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 31Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 32Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 33Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 34Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 210 page
background image
DocID029968 Rev 3
31/210
STM32L452xx
Functional overview
55
3.10
Interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep, low-power run
and sleep, Stop 0, Stop 1 and Stop 2 modes.
Table 6. STM32L452xx peripherals interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
Y
Y
Y
Y
-
-
ADCx
DACx
Conversion triggers
Y
Y
Y
Y
-
-
DMA
Memory to memory transfer trigger
Y
Y
Y
Y
-
-
COMPx
Comparator output blanking
Y
Y
Y
Y
-
-
TIM15/TIM16
IRTIM
Infrared interface output generation
Y
Y
Y
Y
-
-
COMPx
TIM1
TIM2
Timer input channel, trigger, break from
analog signals comparison
YY
YY
-
-
LPTIMERx
Low-power timer triggered by analog
signals comparison
YY
YY
Y
Y
(1)
ADCx
TIM1
Timer triggered by analog watchdog
Y
Y
Y
Y
-
-
RTC
TIM16
Timer input channel from RTC events
Y
Y
Y
Y
-
-
LPTIMERx
Low-power timer triggered by RTC alarms
or tampers
YY
YY
Y
Y
(1)
All clocks sources (internal
and external)
TIM2
TIM15, 16
Clock source used as input channel for
RC measurement and trimming
YY
YY
-
-
CSS
CPU (hard fault)
RAM (parity error)
Flash memory (ECC error)
COMPx
PVD
TIM1
TIM15,16
Timer break
Y
Y
Y
Y
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com