Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452VCU3PTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L452VCU3PTR Datasheet HTML 1Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 2Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 3Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 4Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 5Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 6Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 7Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 8Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 210 page
background image
This is information on a product in full production.
May 2017
DocID029968 Rev 3
1/210
STM32L452xx
Ultra-low-power ARM® Cortex®-M4 32-bit MCU+FPU, 100DMIPS,
up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
Datasheet
- production data
Features
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/125 °C temperature range
– 145 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
– 22 nA Shutdown mode (5 wakeup pins)
– 106 nA Standby mode (5 wakeup pins)
– 375 nA Standby mode with RTC
– 2.05 µA Stop 2 mode, 2.40 µA with RTC
– 84 µA/MHz run mode (LDO Mode)
–36 μA/MHz run mode (@3.3 V SMPS
Mode)
– Batch acquisition mode (BAM)
– 4 µs wakeup from Stop mode
– Brown out reset (BOR)
– Interconnect matrix
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from Flash memory, frequency up to 80 MHz,
MPU, 100DMIPS and DSP instructions
• Performance benchmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 273.55 CoreMark® (3.42 CoreMark/MHz @
80 MHz)
• Energy benchmark
– 245 ULPBench® score
• Clock Sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
– Internal 48 MHz with clock recovery
– 2 PLLs for system clock, audio, ADC
• Up to 83 fast I/Os, most 5 V-tolerant
• RTC with HW calendar, alarms and calibration
• Up to 21 capacitive sensing channels: support
touchkey, linear and rotary touch sensors
• 12x timers: 1x 16-bit advanced motor-control,
1x 32-bit and 3x 16-bit general purpose, 2x 16-
bit basic, 2x low-power 16-bit timers (available
in Stop mode), 2x watchdogs, SysTick timer
• Memories
– Up to 512 KB single bank Flash,
proprietary code readout protection
– 160 KB of SRAM including 32 KB with
hardware parity check
– Quad SPI memory interface
• Rich analog peripherals (independent supply)
– 1× 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 1x 12-bit DAC, low-power sample and hold
– 1x operational amplifier with built-in PGA
– 2x ultra-low-power comparators
– Accurate 2.5 V or 2.048 V reference
voltage buffered output
• 17x communication interfaces
– USB 2.0 full-speed crystal less solution
with LPM and BCD
– 1x SAI (serial audio interface)
–4x I2C FM+(1 Mbit/s), SMBus/PMBus
– 3x USARTs (ISO 7816, LIN, IrDA, modem)
– 1x UART (LIN, IrDA, modem)
–1x LPUART
– 3x SPIs (4x SPIs with the Quad SPI)
– CAN (2.0B Active) and SDMMC interface
– IRTIM (Infrared interface)
UFBGA100 (7×7)
LQFP64 (10x10)
UFBGA64 (5x5)
LQFP100 (14x14)
WLCSP64 UFQFPN48 (7x7)
www.st.com


Similar Part No. - STM32L452VCU3PTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L452RET6 STMICROELECTRONICS-STM32L452RET6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32L452RET6 STMICROELECTRONICS-STM32L452RET6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32L452RET6P STMICROELECTRONICS-STM32L452RET6P Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32L452RET6P STMICROELECTRONICS-STM32L452RET6P Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32L452RET6PU STMICROELECTRONICS-STM32L452RET6PU Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
More results

Similar Description - STM32L452VCU3PTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L475XX STMICROELECTRONICS-STM32L475XX Datasheet
2Mb / 193P
Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
03-Mar-2016
STM32L4A6XG STMICROELECTRONICS-STM32L4A6XG Datasheet
3Mb / 282P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
24-Sep-2018
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L412C8 STMICROELECTRONICS-STM32L412C8 Datasheet
2Mb / 192P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
November 2020 Rev 8
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
K22P121M120SF7 NXP-K22P121M120SF7_V01 Datasheet
1Mb / 87P
Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU
Rev. 8 06/2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com