Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452VCU3PTR Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 107Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 108Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 109Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 110Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 111Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 112Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 113Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 114Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 210 page
background image
Table 45. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 2)
Supply current in
Stop 2 mode,
RTC disabled
-
1.8 V
2.05
5.40
19.0
44.0
97.0
4.00
11.5
41.5
100
220
µA
2.4 V
2.10
5.45
19.0
44.5
98.5
4.05
11.5
42.0
100
225
3 V
2.05
5.55
19.5
45.0
100
4.10
12.0
43.0
105
230
3.6 V
2.05
5.65
20.0
46.5
105
4.20
12.0
44.0
105
235
IDD_ALL
(Stop 2 with
RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI
1.8 V
2.30
5.65
19.0
44.0
97.0
4.50
12.0
42.0
100
220
µA
2.4 V
2.35
5.80
19.5
44.5
99.0
4.65
12.0
42.5
100
225
3 V
2.50
5.90
20.0
45.5
100
4.90
12.5
43.5
105
230
3.6 V
2.60
6.15
20.5
47.0
105
5.20
13.0
44.5
105
235
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
2.60
6.05
21.0
48.0
97.0
-
-
-
-
-
2.4 V
2.55
6.20
21.0
49.0
98.5
-
-
-
-
-
3 V
2.80
6.35
21.5
49.5
100
-
-
-
-
-
3.6 V
2.85
6.60
22.5
51.5
105
-
-
-
-
-
RTC clocked by LSE
quartz(2)
in low drive mode
1.8 V
2.40
5.70
19.0
44.5
98.0
-
-
-
-
-
2.4 V
2.50
5.85
19.5
45.0
99.5
-
-
-
-
-
3 V
2.60
6.00
20.0
46.0
100
-
-
-
-
-
3.6 V
2.65
6.25
20.5
47.0
105
-
-
-
-
-
IDD_ALL
(wakeup from
Stop2)
Supply current
during wakeup
from Stop 2
mode
Wakeup clock is
MSI = 48 MHz,
voltage Range 1.
See (3).
3 V
1.85
-
-
-
-
-
--
--
mA
Wakeup clock is
MSI = 4 MHz,
voltage Range 2.
See (3).
3 V
1.50
-
-
-
-
-
--
--
Wakeup clock is
HSI16 = 16 MHz,
voltage Range 1.
See (3).
3 V
1.55
-
-
-
-
-
--
--
1. Guaranteed based on test during characterization, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com