Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL7407LPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 4 Page - Texas Instruments

  TPL7407LPWR Datasheet HTML 1Page - Texas Instruments TPL7407LPWR Datasheet HTML 2Page - Texas Instruments TPL7407LPWR Datasheet HTML 3Page - Texas Instruments TPL7407LPWR Datasheet HTML 4Page - Texas Instruments TPL7407LPWR Datasheet HTML 5Page - Texas Instruments TPL7407LPWR Datasheet HTML 6Page - Texas Instruments TPL7407LPWR Datasheet HTML 7Page - Texas Instruments TPL7407LPWR Datasheet HTML 8Page - Texas Instruments TPL7407LPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
Over operating temperature range
MIN
MAX
UNIT
VOUT
OUT1 – OUT7 pin voltage for recommended operation
0
40
V
VCOM
COM pin voltage range for full output drive
8.5
40
V
VIL
IN1- IN7 input low voltage ("Off" high impedance output)
0.9
V
VIH
IN1- IN7 input high voltage ("Full Drive" low impedance output)
1.5
V
TJ
Operating virtual junction temperature
–40
125
°C
IDS
Continuous drain current
0
500
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TPL7407L
UNIT
SOIC (D)
TSSOP (PW)
16 PINS
16 PINS
θJA
Junction-to-ambient thermal resistance
91.9
115.2
°C/W
θJCtop
Junction-to-case (top) thermal resistance
50.1
49.5
°C/W
θJB
Junction-to-board thermal resistance
49.4
60.8
°C/W
ψJT
Junction-to-top characterization parameter
18.6
8.5
°C/W
ψJB
Junction-to-board characterization parameter
49.1
60.2
°C/W
6.5 Electrical Characteristics
TJ= –40°C to 125°C; Typical Values at TA=TJ= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL (VDS)
OUT1- OUT7 low-level output
voltage
VIN ≥ 1.5 V
ID = 100 mA
200
320
mV
ID = 200 mA
420
650
IOUT(OFF) (IDS_OFF) OUT1- OUT7 OFF-state leakage
current
VOUT = 24 V,
VIN ≤ 1.0 V
10
500
nA
VF
Clamp forward voltage
IF = 200 mA
1.4
V
IIN(off)
IN1- IN7 Off-state input current
VINX= 0 V
VOUT = 40 V
500
nA
IIN(ON)
IN1- IN7 ON state input current
VINX=1.5 V - 5.0
V
10
μA
ICOM
Static current flowing through COM
pin
VCOM = 8.5 V - 40 V
15
25
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com